Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4845Y Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ4845Y
Description  Parallel RTC With CPU Supervisor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4845Y Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ4845Y Datasheet HTML 3Page - Texas Instruments BQ4845Y Datasheet HTML 4Page - Texas Instruments BQ4845Y Datasheet HTML 5Page - Texas Instruments BQ4845Y Datasheet HTML 6Page - Texas Instruments BQ4845Y Datasheet HTML 7Page - Texas Instruments BQ4845Y Datasheet HTML 8Page - Texas Instruments BQ4845Y Datasheet HTML 9Page - Texas Instruments BQ4845Y Datasheet HTML 10Page - Texas Instruments BQ4845Y Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Watchdog Timer
The watchdog monitors microprocessor activity through
the Watchdog input (WDI). To use the watchdog func-
tion, connect WDI to a bus line or a microprocessor I/O
line. If WDI remains high or low for longer than the
watchdog time-out period (1.5 seconds default), the
bq4845 asserts WDO and RST.
Watchdog Input
The bq4845 resets the watchdog timer if a change of
state (high to low, low to high, or a minimum 100ns
pulse) occurs at the Watchdog input (WDI) during the
watchdog period. The watchdog time-out is set by WD0-
WD2 in register B. The bq4845 maintains the watchdog
time-out programming through power cycles. The de-
fault state (no valid battery power) of WD0-WD2 is 000
or 1.5s on power-up. Table 3 shows the programmable
watchdog time-out rates. The watchdog time-out period
immediately after a reset is equal to the programmed
watchdog time-out.
To disable the watchdog function, leave WDI floating. An
internal resistor network (100k
Ω equivalent impedance
at WDI) biases WDI to approximately 1.6V. Internal
comparators detect this level and disable the watchdog
timer. When VCC is below the power-fail threshold, the
bq4845 disables the watchdog function and disconnects
WDI from its internal resistor network, thus making it
high impedance.
Watchdog Output
The Watchdog output (WDO) remains high if there is a
transition or pulse at WDI during the watchdog time-
out period. The bq4845 disables the watchdog function
and WDO is a logic high when VCC is below the power
fail threshold, battery-backup mode is enabled, or WDI
is an open circuit. In watchdog mode, if no transition oc-
curs at WDI during the watchdog time-out period, the
bq4845 asserts RST for the reset time-out period t1.
WDO goes low and remains low until the next transition
at WDI. If WDI is held high or low indefinitely, RST will
generate pulses (t1 seconds wide) every t3 seconds. Fig-
ure 3 shows the watchdog timing.
7
Figure 3. Watchdog Time-out Period and Reset Active Time
Aug. 1995
bq4845/bq4845Y


Similar Part No. - BQ4845Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4845Y TI1-BQ4845Y Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845YS-A4 TI1-BQ4845YS-A4 Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845YS-A4G4 TI1-BQ4845YS-A4G4 Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845YS-A4N TI1-BQ4845YS-A4N Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845YS-A4NG4 TI1-BQ4845YS-A4NG4 Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
More results

Similar Description - BQ4845Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4845 TI1-BQ4845_14 Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4847 TI-BQ4847 Datasheet
224Kb / 5P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4802YDWRG4 TI1-BQ4802YDWRG4 Datasheet
920Kb / 26P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR
logo
Intersil Corporation
X1227 INTERSIL-X1227_06 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1227 INTERSIL-X1227 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com