Selected language     English  ā–¼


T-1076 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-1076
Description  Modem Coupling Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
1 of 1
T-1076
Schematic Diagram
05/19/98
SECONDARY
PRIMARY
Modem Coupling Transformer
PARAMETER
MIN.
TYP.
MAX.
UNITS
Primary Inductance (1)
12
H
Pins 1-2.
Primary DC Resistance
97.2
108
118.8
ohms
Pins 1-2
Secondary DC Resistance
108
120
132
ohms
Pins 4-3
Isolation (Hi-Pot)
1250
VAC
Frequency Response
-0.25
+0.25
dB
200 Hz to 4 KHz
Return Loss
20
dB
300 Hz to 3000 Hz
Longitudinal Balance:
200 to 1000 Hz
60
dB
1000 to 4000 Hz
60
dB
Insertion Loss
1.75
2.0
2.25
dB
Total Harmonic Distortion
at 600 Hz, -10 dBm
88.1
dB
Turns Ratio (
+ 3 % )
1 : 1
Physical
Dimensions
inches (mm)
1
2
3
4
3
4
1
2
.750
(19.05)
1.05
(26.67)
MAX.
Bottom
View
.550
(14.0)
.450
(11.4)
1.03
(26.16)
MAX.
Freq
-10dBm 0 dBm +4.7 dBm
300 Hz
-83 dB
-81 dB
-77 dB
600 Hz
-86 dB
-85 dB
-84 dB
1
2
4
3
www.rhombus-ind.com




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
T-600Modem Coupling Transformer 1 Rhombus Industries Inc.
CMT164BMODEM Transformer 1 Sumida Corporation
CMT164CMODEM Transformer 1 Sumida Corporation
EP13COUPLING TRANSFORMER SERIES EP 1 List of Unclassifed Manufacturers
MT2412MODEM Transformer 1 Sumida Corporation
3858-3Audio Line Coupling / Bridging Transformer 1 Filtran LTD
T-33000Modem Coupling & Voiceband Transformers 1 2 Rhombus Industries Inc.
MT2212MODEM Transformer 1 2 Sumida Corporation
TPA3858Audio Line Coupling / Bridging Transformer 1 Filtran LTD
MT1910MODEM Transformer 1 Sumida Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl