Selected language     English  â–¼


T-1099 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-1099
Description  ADSL Line Interface Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
Name:
Sheet:
Date:
Rhombus P/N:
Cust. P/N:
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane,
Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 z FAX: (714) 896-0971
FSCM
No. 16714
PARAMETER
UNITS
TURNS RATIO
1 : 1 +1%
Pins (3-4) : (1-5)
Inductance 1 Min.
25.4
mH
DCR Pins 1 - 6
1.30
+10%
Ω
DCR Pins 2 - 5
1.30
+10%
Ω
DCR Pins 3 - 4
2.25
+10%
Ω
Longitudinal Balance
at 20 kHz - 1.1 MHz
40 Min.
dB
Return Loss
at 30 kHz - 1.1 MHz
10
dB
Isolation
(Any winding to any winding)
1250
V
RMS
Frequency Response 30 - 700 kHz +0.5
dB
T-1099
1 of 1
ADSL Line
Interface
Transformer
Designed for use with Analog Devices #
AD20msp910
Physical Dimensions
inches (mm)
6/25/98
.394
(10.00)
MAX.
.375
(9.53)
MAX.
.110
(2.79)
MIN.
.080
(2.03)
.039
(0.99)
.098
(2.49)
.024
(0.61)
.465
(11.81)
MAX.
Bottom
View
123
654
PIN POSITION GRID 0.098 (2.5)
BOBBIN TERMINATIONS
CLIP SET TERMINATIONS
1
6
3
4
2
5
Primary = Line Side
Secondary = Device Side
1. Tested @ 10 kHz and 100 mVAC (Pins 3-4)
Tested on a Wayne Kerr 3245
Schematic Diagram




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
B2201ADSL LINE TRANSFORMER 1 Pulse A Technitrol Company
BX2516WADSL LINE TRANSFORMER For Conexant CO Chipset 1 Pulse A Technitrol Company
BX2565LADSL LINE TRANSFORMER For Use with Centillium Maximus Chipset 1 Pulse A Technitrol Company
LTM-110ALine Interface 56kbps Modem Transformer 1 2 Nuvotem Talema
T-664HDSL LINE INTERFACE TRANSFORMER 1 Rhombus Industries Inc.
EPB5038GDiscrete Line Interface Transformer 1 PCA ELECTRONICS INC.
B2243ADSL LINE TRANSFORMER For Use with Texas Instruments Chipset 1 Pulse A Technitrol Company
T-1115ADSL Line Interface Transformers 1 Rhombus Industries Inc.
B78421A1704A003xDSL Transformers ADSL Interface 1 2 EPCOS
XT0016ADSL Transformer For Motorola 1 2 List of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl