Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4011YMA-200N Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ4011YMA-200N
Description  32Kx8 Nonvolatile SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4011YMA-200N Datasheet(HTML) 4 Page - Texas Instruments

  BQ4011YMA-200N Datasheet HTML 1Page - Texas Instruments BQ4011YMA-200N Datasheet HTML 2Page - Texas Instruments BQ4011YMA-200N Datasheet HTML 3Page - Texas Instruments BQ4011YMA-200N Datasheet HTML 4Page - Texas Instruments BQ4011YMA-200N Datasheet HTML 5Page - Texas Instruments BQ4011YMA-200N Datasheet HTML 6Page - Texas Instruments BQ4011YMA-200N Datasheet HTML 7Page - Texas Instruments BQ4011YMA-200N Datasheet HTML 8Page - Texas Instruments BQ4011YMA-200N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
bq4011/bq4011Y
AC Test Conditions
Parameter
Test Conditions
Input pulse levels
0V to 3.0V
Input rise and fall times
5 ns
Input and output timing reference levels
1.5 V (unless otherwise specified)
Output load (including scope and jig)
See Figures 1 and 2
Figure 1. Output Load A
Figure 2. Output Load B
Read Cycle (TA = TOPR, VCCmin ≤ VCC ≤ VCCmax)
Symbol
Parameter
-70/-70N
-100
-150/-150N
-200
Unit
Conditions
Min.
Max.
Min.
Max.
Min.
Max. Min.
Max.
tRC
Read cycle time
70
-
100
-
150
-
200
-
ns
tAA
Address access time
-
70
-
100
-
150
-
200
ns
Output load A
tACE
Chip enable access time
-
70
-
100
-
150
-
200
ns
Output load A
tOE
Output enable to
output valid
-
35
-
50
-
70
-
90
ns
Output load A
tCLZ
Chip enable to output
in low Z
5
-
5
-
10
-
10
-
ns
Output load B
tOLZ
Output enable to
output in low Z
5
-
5
-
5
-
5
-
ns
Output load B
tCHZ
Chip disable to output
in high Z
0
25
0
400600
70
ns
Output load B
tOHZ
Output disable to
output in high Z
0
25
0
350500
70
ns
Output load B
tOH
Output hold from
address change
10
-
10
-
10
-
10
-
ns
Output load A
Aug. 1993 C
4


Similar Part No. - BQ4011YMA-200N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4011YMA-200 TI1-BQ4011YMA-200 Datasheet
353Kb / 16P
[Old version datasheet]   32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
More results

Similar Description - BQ4011YMA-200N

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM6132K800W EOREX-EM6132K800W Datasheet
339Kb / 12P
   32Kx8 LP SRAM
logo
List of Unclassifed Man...
N341256 ETC1-N341256 Datasheet
397Kb / 9P
   CMOS SRAM 256K-BIT(32KX8)
logo
Holtek Semiconductor In...
HT62L256 HOLTEK-HT62L256 Datasheet
115Kb / 10P
   CMOS 32Kx8 Low Power SRAM
logo
Alliance Semiconductor ...
7C256 ALSC-7C256 Datasheet
125Kb / 8P
   High Performance 32Kx8 CMOS SRAM
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com