Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAB-10-1.25K Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # FAB-10-1.25K
Description  FIXED COAXIAL ATTENUATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

FAB-10-1.25K Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  FAB-10-1.25K Datasheet HTML 1Page - Merrimac Industries, Inc. FAB-10-1.25K Datasheet HTML 2Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FAB series
PRINCIPAL SPECIFICATIONS
Frequency
Attenuation
Performance
CW
Weight,
Model
Range,
& Accuracy,
Connector
VSWR,
Band,
Power,
oz. (g),
Number
GHz
dB
Type
Max.
GHz
W, Max.
Nom.
FAB-3-1.25K
DC - 2.5
3
±0.3
BNC (m-f)
1.20:1
DC - 2.5
2
1 (28)
FAB-6-1.25K
6
±0.3
FAB-10-1.25K
10
±0.3
FAB-20-1.25K
20
±0.3
FAM-6-3K
DC - 12.4
3
±0.3
SMA (m-f)
1.20:1
DC - 4.0
0.5
0.4 (11)
FAM-6-6K
6
±0.3
1.30:1
4.0 - 12.4
.
FAM-6-10K
10
±0.5
FAM-6-20K
20
±0.5
FAM-9-3K
DC - 18.0
3
±0.3
SMA (m-f)
1.20:1
DC - 4.0
0.5
0.4 (11)
FAM-9-6K
6
±0.3
1.30:1
4.0 - 12.4
.
FAM-9-10K
10
±0.5
1.35:1
12.4 - 18.0
FAM-9-20K
20
±1.0
FAN-6-3K
DC - 12.4
3
±0.3
N (m-f)
1.20:1
DC - 4.0
2
3.5 (98)
FAN-6-6K
6
±0.3
1.30:1
4.0 - 10.0
2
FAN-6-10K
10
±0.5
1.35:1
10.0 - 12.4
2
FAN-6-20K
20
±0.5
0.5
FA Series
FIXED COAXIAL ATTENUATORS
DC to 18 GHz / 3, 6, 10 & 20 dB / Meets MIL-E-16400 Class 1 & MIL-E-5400 Class 3 / BNC, SMA &
N
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
NOTES:
1. Tolerance on 3 place decimals
±.020(.51) except as noted.
2. Dimensions in inches over millimeters.
05Mar96
MAX


Similar Part No. - FAB-10-1.25K

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FAB SCHURTER-FAB Datasheet
396Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot, horizontal
FAB SCHURTER-FAB Datasheet
250Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, horizontal
FAB SCHURTER-FAB Datasheet
261Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, horizontal
04.01.2022
logo
List of Unclassifed Man...
FAB ETC-FAB Datasheet
575Kb / 22P
   Discrete direct acting 2 port solenoid valve for compressed air, manifold
logo
Power System Technology
FAB0105003 PST-FAB0105003 Datasheet
255Kb / 3P
   Medical
More results

Similar Description - FAB-10-1.25K

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
   FIXED ATTENUATORS
K2-BW1 MINI-K2-BW1 Datasheet
257Kb / 1P
   FIXED ATTENUATORS
K5N-BW3 MINI-K5N-BW3 Datasheet
276Kb / 1P
   FIXED ATTENUATORS
K2-VAT-A++ MINI-K2-VAT-A+ Datasheet
316Kb / 1P
   Fixed Attenuators
REV. OR
K2-BW3 MINI-K2-BW3 Datasheet
277Kb / 1P
   FIXED ATTENUATORS
K2-UNAT MINI-K2-UNAT Datasheet
283Kb / 1P
   FIXED ATTENUATORS
K1-UNAT-A++ MINI-K1-UNAT-A+ Datasheet
179Kb / 1P
   Fixed Attenuators
REV. OR
K1-HAT-A++ MINI-K1-HAT-A+ Datasheet
203Kb / 1P
   Fixed Attenuators
REV. OR
logo
Skyworks Solutions Inc.
ATN3590 SKYWORKS-ATN3590 Datasheet
320Kb / 6P
   Fixed Attenuators
logo
Mini-Circuits
K2-VAT MINI-K2-VAT Datasheet
718Kb / 1P
   FIXED ATTENUATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com