Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-60355 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-60355
Description  Low Profile PC Power Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-60355 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-60355 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transformers & Magnetic Products
Industries Inc.
Industries Inc.
Industries Inc.
Industries Inc.
Industries Inc.
Rhombus
Rhombus
Rhombus
Rhombus
Rhombus
15801 Chemical Lane
Huntington Beach, California 92649-1595
Phone:
(714) 898-0960
FAX:
(714) 896-0971
LP-PC
11/95
Specifications are subject to change without notice
Secondary Ratings
Part
--- Series ---
--- Parallel ---
Number
VA
V
I(mA)
V
I (mA)
T-60300
2.5
10.0
250
5.0
500
T-60301
6.0
10.0
600
5.0
1200
T-60303
12.0
10.0
1200
5.0
2400
T-60304
24.0
10.0
2400
5.0
4800
T-60305
48.0
10.0
4800
5.0
9600
T-60306
2.5
12.6
198
6.3
397
T-60307
6.0
12.6
476
6.3
952
T-60309
12.0
12.6
952
6.3
1905
T-60310
24.0
12.6
1905
6.3
3810
T-60311
48.0
12.6
3810
6.3
7619
T-60312
2.5
16.0
156
8.0
313
T-60313
6.0
16.0
375
8.0
750
T-60315
12.0
16.0
750
8.0
1500
T-60316
24.0
16.0
1500
8.0
3000
T-60317
48.0
16.0
3000
8.0
6000
T-60318
2.5
20.0
125
10.0
250
T-60319
6.0
20.0
300
10.0
600
T-60321
12.0
20.0
600
10.0
1200
T-60322
24.0
20.0
1200
10.0
2400
T-60323
48.0
20.0
2400
10.0
4800
T-60324
2.5
24.0
104
12.0
208
T-60325
6.0
24.0
250
12.0
500
T-60327
12.0
24.0
500
12.0
1000
T-60328
24.0
24.0
1000
12.0
2000
T-60329
48.0
24.0
2000
12.0
4000
T-60330
2.5
30.0
83
15.0
167
T-60331
6.0
30.0
200
15.0
400
T-60333
12.0
30.0
400
15.0
800
T-60334
24.0
30.0
800
15.0
1600
T-60335
48.0
30.0
1600
15.0
3200
T-60336
2.5
34.0
74
17.0
147
T-60337
6.0
34.0
176
17.0
353
T-60339
12.0
34.0
353
17.0
706
T-60340
24.0
34.0
706
17.0
1412
T-60341
48.0
34.0
1412
17.0
2824
T-60342
2.5
40.0
63
20.0
125
Schematic
Parallel External
Connections:
1-3, 2-4 & 5-7, 6-8
Series External
Connections:
2-3 & 6-7
8
2
1
7
4
3
PRI
SEC
6
5
Low Profile PC Power transformers are used in
semi-conductor control and instrumentation. They
are used extensively in single or dual output DC
supplies, isolated control circuit & reference
supplies.
Low Profile PC Power Transformers
4
Secondary Ratings
Part
--- Series ---
--- Parallel ---
Number
VA
V
I(mA)
V
I(mA)
T-60343
6.0
40.0
150
20.0
300
T-60345
12.0
40.0
300
20.0
600
T-60346
24.0
40.0
600
20.0
1200
T-60347
48.0
40.0
1200
20.0
2400
T-60348
2.5
56.0
45
28.0
89
T-60349
6.0
56.0
107
28.0
214
T-60351
12.0
56.0
214
28.0
429
T-60352
24.0
56.0
429
28.0
857
T-60353
48.0
56.0
857
28.0
1714
T-60354
2.5
88.0
28
44.0
57
T-60355
6.0
88.0
68
44.0
136
T-60357
12.0
88.0
136
44.0
273
T-60358
2.5
120.0
21
60.0
42
T-60359
6.0
120.0
50
60.0
100
T-60361
12.0
120.0
100
60.0
200
T-60362
2.5
230.0
11
115.0
22
T-60363
6.0
230.0
26
115.0
52
T-60365
12.0
230.0
52
115.0
104
NON-CONCENTRIC
WINDING:
Primary
and
Secondary are wound side-by-side rather than layered.
The added isolation reduces interwinding capacitance,
eliminating the need for an electro-static shield.
Additionally, it reduces radiated magnetic fields.
Dual Primaries: 115/230V, 50/60 Hz
3 Flange Bobbin Design --
4 Sizes
5 VA Ratings
--
Hi-Pot 1500 VRMS
Size
Dimension in Inches
(VA)
A
B
C
L
W
H
2.5
1.60
0.375
0.375
1.87
1.56
0.650
6
1.60
0.375
0.375
1.87
1.56
0.850
12
2.00
0.500
0.500
2.50
2.00
1.065
24
1.90
0.600
0.530
2.87
2.25
1.250
48
2.18
0.600
0.660
3.12
2.50
1.375
B
A
L
W
H
B
C


Similar Part No. - T-60355

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-60366 RHOMBUS-IND-T-60366 Datasheet
21Kb / 1P
   Low Profile PC Power Transformer
T-60367 RHOMBUS-IND-T-60367 Datasheet
24Kb / 1P
   Low Profile PC Power Transformer
T-60368 RHOMBUS-IND-T-60368 Datasheet
26Kb / 1P
   Low Profile PC Auto Transformer
T-60369 RHOMBUS-IND-T-60369 Datasheet
26Kb / 1P
   Low Profile PC Power Transformer
T-60370 RHOMBUS-IND-T-60370 Datasheet
28Kb / 1P
   Low Profile PC Power Transformer
More results

Similar Description - T-60355

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
4881 FILTRAN-4881 Datasheet
94Kb / 1P
   Power Transformers Low Profile
logo
Central Technologies
CTSPW CT-CTSPW Datasheet
209Kb / 1P
   Power Transformers - Low Profile
logo
Filtran LTD
4701 FILTRAN-4701 Datasheet
77Kb / 1P
   Power Transformers Low Profile
logo
List of Unclassifed Man...
3FL10-250 ETC2-3FL10-250 Datasheet
133Kb / 1P
   Low Profile Laminated Power Transformers
logo
API Delevan
6023-036 API-6023-036 Datasheet
1Mb / 1P
   Horizontal PC Power Transformers
6015-010 API-6015-010 Datasheet
1Mb / 1P
   Horizontal PC Power Transformers
6022R-010 API-6022R-010 Datasheet
1Mb / 1P
   Horizontal PC Power Transformers
6014R-010 API-6014R-010 Datasheet
1Mb / 1P
   Horizontal PC Power Transformers
6024-020 API-6024-020 Datasheet
1Mb / 1P
   Horizontal PC Power Transformers
6022-010 API-6022-010 Datasheet
1Mb / 1P
   Horizontal PC Power Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com