Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3537EUD-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3537EUD-TRPBF
Description  2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3537EUD-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC3537EUD-TRPBF Datasheet HTML 1Page - Linear Technology LTC3537EUD-TRPBF Datasheet HTML 2Page - Linear Technology LTC3537EUD-TRPBF Datasheet HTML 3Page - Linear Technology LTC3537EUD-TRPBF Datasheet HTML 4Page - Linear Technology LTC3537EUD-TRPBF Datasheet HTML 5Page - Linear Technology LTC3537EUD-TRPBF Datasheet HTML 6Page - Linear Technology LTC3537EUD-TRPBF Datasheet HTML 7Page - Linear Technology LTC3537EUD-TRPBF Datasheet HTML 8Page - Linear Technology LTC3537EUD-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3537
3
3537fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VINB = 1.2V, VOUTB = 3.3V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RNMOS
NMOS Switch On Resistance
VOUTB = 1.8V
VOUTB = 3.3V
VOUTB = 5V
0.8
0.4
0.3
Ω
Ω
Ω
RPMOS
PMOS Switch On Resistance
VOUTB = 1.8V
VOUTB = 3.3V
VOUTB = 5V
1
0.6
0.4
Ω
Ω
Ω
ILIM
NMOS Current Limit
(Note 4)
l
600
750
mA
tLIMDELAY
Current Limit Delay Time to
Output
(Note 3)
40
ns
Max Duty Cycle
VFBB = 1.15V
l
87
92
%
Min Duty Cycle
VFBB = 1.3V
l
0%
fSW
Switching Frequency
l
2
2.2
2.4
MHz
VENBSTH
ENBST Input High Voltage
0.8
V
VENBSTL
ENBST Input Low Voltage
0.3
V
IENBSTIN
ENBST Input Current
VENBST = 5.5V
1.5
μA
VMODEH
MODE Input High Voltage
0.8
V
VMODEL
MODE Input Low Voltage
0.3
V
IMODEIN
MODE Input Current
VMODE = 5.5V
1.5
μA
tSS
Soft-Start Time
0.5
ms
VFBLBI
LBI Feedback Voltage
Falling Threshold
530
553
575
mV
LBI Hysteresis Voltage
35
mV
ILBIIN
LBI Input Current
VLBI = 1V
10
50
nA
VLBOLOW
LBO Voltage Low
ILBO = 5mA
200
mV
ILBOLEAK
LBO Leakage Current
VLBO = 5.5V
0.01
1
μA
VPGDBLOW
PGDB Voltage Low
IPGDB = 5mA
200
mV
IPGDBLEAK
PGDB Leakage Current
VPGDB = 5.5V
0.01
1
μA
PGDB Trip Point Voltage
VFBB Rising
94
% VOUTB
PGDB Hysteresis
6%
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LDO Regulator
VINL
Input Voltage Range
1.8
5.5
V
VOLDO
Output Voltage Range
ILOAD = 100mA
VFBL
5V
IOUTMAX
Max Output Current
l
100
mA
VFBL
Feedback Voltage
l
590
600
610
mV
Line Regulation
VINL = 1.8V to 5.5V
0.1
%
Load Regulation
ILOAD = 10mA to 90mA
0.4
%
VDROPOUT
Dropout Voltage
IO = 50mA
100
mV
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VINL = 3.3V, VOLDO = 3V, unless otherwise noted.


Similar Part No. - LTC3537EUD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3537 LINER-LTC3537 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3537 LINER-LTC3537 Datasheet
319Kb / 22P
   2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
LTC3537 LINER-LTC3537_15 Datasheet
319Kb / 22P
   2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
More results

Similar Description - LTC3537EUD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3537 LINER-LTC3537_15 Datasheet
319Kb / 22P
   2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
logo
Union Semiconductor, In...
UM3429 UNIONSEMI-UM3429 Datasheet
606Kb / 12P
   600mA, 1MHz, Synchronous Step-Up DC-DC Converter
logo
Holtek Semiconductor In...
HT7718S HOLTEK-HT7718S_16 Datasheet
1Mb / 25P
   100mA PFM Synchronous Step-up DC/DC Converter
HT7718S HOLTEK-HT7718S Datasheet
2Mb / 29P
   100mA PFM Synchronous Step-up DC/DC Converter
logo
Torex Semiconductor
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM519 TOREX-XCM519 Datasheet
1Mb / 49P
   600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
logo
Union Semiconductor, In...
UM3433 UNIONSEMI-UM3433 Datasheet
500Kb / 9P
   600mA, 600kHz Step-Up DC-DC Converter
logo
Linear Technology
LTC3523 LINER-LTC3523 Datasheet
252Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523 LINER-LTC3523_15 Datasheet
263Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523-2 LINER-LTC3523-2_15 Datasheet
263Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com