Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3539EDCB-PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3539EDCB-PBF
Description  2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3539EDCB-PBF Datasheet(HTML) 3 Page - Linear Technology

  LTC3539EDCB-PBF Datasheet HTML 1Page - Linear Technology LTC3539EDCB-PBF Datasheet HTML 2Page - Linear Technology LTC3539EDCB-PBF Datasheet HTML 3Page - Linear Technology LTC3539EDCB-PBF Datasheet HTML 4Page - Linear Technology LTC3539EDCB-PBF Datasheet HTML 5Page - Linear Technology LTC3539EDCB-PBF Datasheet HTML 6Page - Linear Technology LTC3539EDCB-PBF Datasheet HTML 7Page - Linear Technology LTC3539EDCB-PBF Datasheet HTML 8Page - Linear Technology LTC3539EDCB-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC3539/LTC3539-2
3
3539f
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3539E/LTC3539E-2 is guaranteed to meet performance
specifications from 0°C to 85°C. Specifications over –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: Specification is guaranteed by design and not 100% tested in
production.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Duty Cycle
VFB = 1.15V
l
87
90
%
Minimum Duty Cycle
VFB = 1.3V
l
0%
Switching Frequency
LTC3539
LTC3539-2
l
l
0.7
1.8
1
2
1.3
2.4
MHz
MHz
MODE Input High Voltage
0.88
V
MODE Input Low Voltage
0.3
V
MODE Input Current
VMODE = 1.2V
0.3
1
μA
SHDN Input High Voltage
0.88
V
SHDN Input Low Voltage
0.3
V
SHDN Input Current
VSHDN = 1.2V
VSHDN = 3.3V
0.3
1
1
2
μA
μA
The
l denotes the specifications which apply over the specified
temperature range of –40°C to 85°C, otherwise specifications are at TA = 25°C. VIN = 1.2V, VOUT = 3.3V, unless otherwise noted.
Note 4: Current measurements are made when the output is not switching.
Note 5: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may result in device degradation or failure.
Note 6: Failure to solder the exposed backside of the package to the PC
board ground plane will result in a thermal resistance much higher than
60°C/W.


Similar Part No. - LTC3539EDCB-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3539EDCB#TRMPBF LINER-LTC3539EDCB#TRMPBF Datasheet
195Kb / 14P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
More results

Similar Description - LTC3539EDCB-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3539-2 LINER-LTC3539-2_15 Datasheet
195Kb / 14P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
LTC3539 LINER-LTC3539_15 Datasheet
195Kb / 14P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
LTC3526-2 LINER-LTC3526-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526L-2 LINER-LTC3526L-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526LB-2 LINER-LTC3526LB-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3528B LINER-LTC3528B_15 Datasheet
337Kb / 18P
   1A, 1MHz Synchronous Step-Up DC/DC Converters
LTC3526B-2 LINER-LTC3526B-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526B LINER-LTC3526B_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526 LINER-LTC3526_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526LB LINER-LTC3526LB_15 Datasheet
349Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com