Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4010MA-150N Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ4010MA-150N
Description  8Kx8 Nonvolatile SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4010MA-150N Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ4010MA-150N Datasheet HTML 6Page - Texas Instruments BQ4010MA-150N Datasheet HTML 7Page - Texas Instruments BQ4010MA-150N Datasheet HTML 8Page - Texas Instruments BQ4010MA-150N Datasheet HTML 9Page - Texas Instruments BQ4010MA-150N Datasheet HTML 10Page - Texas Instruments BQ4010MA-150N Datasheet HTML 11Page - Texas Instruments BQ4010MA-150N Datasheet HTML 12Page - Texas Instruments BQ4010MA-150N Datasheet HTML 13Page - Texas Instruments BQ4010MA-150N Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
BQ4010MA-150
ACTIVE
DIP MOD
ULE
MA
28
1
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
BQ4010MA-200
ACTIVE
DIP MOD
ULE
MA
28
1
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
BQ4010MA-70
ACTIVE
DIP MOD
ULE
MA
28
1
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
BQ4010MA-85
ACTIVE
DIP MOD
ULE
MA
28
1
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
BQ4010YMA-150
ACTIVE
DIP MOD
ULE
MA
28
1
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
BQ4010YMA-150N
ACTIVE
DIP MOD
ULE
MA
28
1
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
BQ4010YMA-200
ACTIVE
DIP MOD
ULE
MA
28
1
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
BQ4010YMA-70
ACTIVE
DIP MOD
ULE
MA
28
1
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
BQ4010YMA-70N
ACTIVE
DIP MOD
ULE
MA
28
1
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
BQ4010YMA-85
ACTIVE
DIP MOD
ULE
MA
28
1
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
BQ4010YMA-85N
ACTIVE
DIP MOD
ULE
MA
28
1
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
PACKAGE OPTION ADDENDUM
www.ti.com
6-Dec-2006
Addendum-Page 1


Similar Part No. - BQ4010MA-150N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4010MA-150 TI-BQ4010MA-150 Datasheet
178Kb / 18P
[Old version datasheet]   8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010MA-150 TI1-BQ4010MA-150 Datasheet
354Kb / 16P
[Old version datasheet]   8 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
More results

Similar Description - BQ4010MA-150N

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY6264A HYNIX-HY6264A Datasheet
492Kb / 6P
   8KX8-Bit CMOS SRAM
HY6264 HYNIX-HY6264 Datasheet
578Kb / 11P
   8KX8-Bit CMOS SRAM
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1220Y DALLAS-DS1220Y Datasheet
144Kb / 8P
   16k Nonvolatile SRAM
DS1225AB DALLAS-DS1225AB Datasheet
147Kb / 10P
   64k Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com