Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD40107BPWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD40107BPWR
Description  CMOS DUAL 2-INPUT NAND BUFFER/DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD40107BPWR Datasheet(HTML) 4 Page - Texas Instruments

  CD40107BPWR Datasheet HTML 1Page - Texas Instruments CD40107BPWR Datasheet HTML 2Page - Texas Instruments CD40107BPWR Datasheet HTML 3Page - Texas Instruments CD40107BPWR Datasheet HTML 4Page - Texas Instruments CD40107BPWR Datasheet HTML 5Page - Texas Instruments CD40107BPWR Datasheet HTML 6Page - Texas Instruments CD40107BPWR Datasheet HTML 7Page - Texas Instruments CD40107BPWR Datasheet HTML 8Page - Texas Instruments CD40107BPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CD40107BE
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
CD40107BF
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
CD40107BF3A
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
CD40107BM
ACTIVE
SOIC
D
8
75
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD40107BM96
ACTIVE
SOIC
D
8
2500
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD40107BMT
ACTIVE
SOIC
D
8
250
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD40107BPSR
ACTIVE
SO
PS
8
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD40107BPW
ACTIVE
TSSOP
PW
8
150
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
CD40107BPWR
ACTIVE
TSSOP
PW
8
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
28-Feb-2005
Addendum-Page 1


Similar Part No. - CD40107BPWR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD40107BMS INTERSIL-CD40107BMS Datasheet
57Kb / 7P
   CMOS Dual 2 Input NAND Buffer/Driver
December 1992
More results

Similar Description - CD40107BPWR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD40107BMS INTERSIL-CD40107BMS Datasheet
57Kb / 7P
   CMOS Dual 2 Input NAND Buffer/Driver
December 1992
logo
STMicroelectronics
HCC40107B STMICROELECTRONICS-HCC40107B Datasheet
270Kb / 14P
   DUAL 2-INPUT NAND BUFFER/DRIVER
logo
List of Unclassifed Man...
MMC40107 ETC-MMC40107 Datasheet
135Kb / 4P
   DUAL 2-INPUT NAND BUFFER/DRIVER
logo
STMicroelectronics
HCF40107B STMICROELECTRONICS-HCF40107B_02 Datasheet
617Kb / 11P
   DUAL 2-INPUT NAND BUFFER/DRIVER
logo
Motorola, Inc
SN54LS38 MOTOROLA-SN54LS38 Datasheet
122Kb / 4P
   QUAD 2-INPUT NAND BUFFER
logo
List of Unclassifed Man...
T74LS37 ETC2-T74LS37 Datasheet
169Kb / 3P
   quad 2-input nand buffer
logo
Motorola, Inc
SN54LS26 MOTOROLA-SN54LS26 Datasheet
122Kb / 4P
   QUAD 2-INPUT NAND BUFFER
logo
Fairchild Semiconductor
DM74ALS1000A FAIRCHILD-DM74ALS1000A Datasheet
46Kb / 4P
   Quadruple 2-Input NAND Buffer
DM74ALS37A FAIRCHILD-DM74ALS37A Datasheet
46Kb / 4P
   Quadruple 2-Input NAND Buffer
logo
NXP Semiconductors
74F37 PHILIPS-74F37 Datasheet
69Kb / 8P
   Quad 2-input NAND buffer
1990 May 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com