Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4013BEE4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD4013BEE4
Description  CMOS DUAL D-TYPE FLIP-FLOP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4013BEE4 Datasheet(HTML) 5 Page - Texas Instruments

  CD4013BEE4 Datasheet HTML 1Page - Texas Instruments CD4013BEE4 Datasheet HTML 2Page - Texas Instruments CD4013BEE4 Datasheet HTML 3Page - Texas Instruments CD4013BEE4 Datasheet HTML 4Page - Texas Instruments CD4013BEE4 Datasheet HTML 5Page - Texas Instruments CD4013BEE4 Datasheet HTML 6Page - Texas Instruments CD4013BEE4 Datasheet HTML 7Page - Texas Instruments CD4013BEE4 Datasheet HTML 8Page - Texas Instruments CD4013BEE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
89267AKB3T
OBSOLETE
CFP
WR
14
TBD
Call TI
Call TI
CD4013BE
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
CD4013BEE4
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
CD4013BF
ACTIVE
CDIP
J
14
1
TBD
Call TI
Level-NC-NC-NC
CD4013BF3A
ACTIVE
CDIP
J
14
1
TBD
Call TI
Level-NC-NC-NC
CD4013BK3
OBSOLETE
CFP
WR
14
TBD
Call TI
Call TI
CD4013BM
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4013BM96
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4013BM96E4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4013BME4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4013BMT
ACTIVE
SOIC
D
14
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4013BMTE4
ACTIVE
SOIC
D
14
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4013BNSR
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4013BNSRE4
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4013BPW
ACTIVE
TSSOP
PW
14
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4013BPWE4
ACTIVE
TSSOP
PW
14
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4013BPWG4
ACTIVE
TSSOP
PW
14
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4013BPWR
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4013BPWRE4
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4013BPWRG4
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
JM38510/05151BCA
ACTIVE
CDIP
J
14
1
TBD
Call TI
Level-NC-NC-NC
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
PACKAGE OPTION ADDENDUM
www.ti.com
26-Sep-2005
Addendum-Page 1


Similar Part No. - CD4013BEE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4013BEE4 TI-CD4013BEE4 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Dual D - Type Flip-Flop
CD4013BEE4 TI1-CD4013BEE4 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Dual D-type Flip Flop
More results

Similar Description - CD4013BEE4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CD4013BMS RENESAS-CD4013BMS Datasheet
520Kb / 9P
   CMOS Dual ‘D’-Type Flip-Flop
December 1992
logo
Texas Instruments
CD4013BMG4 TI-CD4013BMG4 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Dual D - Type Flip-Flop
logo
Intersil Corporation
CD4013BMS INTERSIL-CD4013BMS Datasheet
74Kb / 9P
   CMOS Dual ‘D’-Type Flip-Flop
December 1992
logo
Texas Instruments
CD4013B TI1-CD4013B_15 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Dual D-type Flip Flop
logo
Motorola, Inc
MC74LCX74 MOTOROLA-MC74LCX74 Datasheet
145Kb / 9P
   LOW-VOLTAGE CMOS DUAL D-TYPE FLIP-FLOP
MC74LVQ74 MOTOROLA-MC74LVQ74 Datasheet
144Kb / 9P
   LOW-VOLTAGE CMOS DUAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX74 ONSEMI-MC74LCX74_12 Datasheet
134Kb / 8P
   Low-Voltage CMOS Dual D-Type Flip-Flop
July, 2012 ??Rev. 7
MC74LCX74 ONSEMI-MC74LCX74 Datasheet
145Kb / 9P
   LOW-VOLTAGE CMOS DUAL D-TYPE FLIP-FLOP
REV 1
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
   Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
   Dual D-type Flip Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com