Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

90PGA Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # 90PGA
Description  Dual Channel Programmable Amplifier Slot Card
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

90PGA Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  90PGA Datasheet HTML 1Page - Frequency Devices, Inc. 90PGA Datasheet HTML 2Page - Frequency Devices, Inc. 90PGA Datasheet HTML 3Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
90PGA Slot Card
Dual Channel Programmable
For 90IP Instrumentation Platform
Amplifier Slot Card
1
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Description:
For use in the 90IP Instrumentation Platform,
each 90PGA slot card provides design
engineers with two channels of precision, low
noise and distortion programmable amplifiers
with up to 60 dB of adjustable gain in 0.50 dB
steps over a 1 MHz bandwidth.
Front panel mounted BNC’s offer easy access
for connection of signal input and output.
Other features include differential or single-
ended input, AC or DC-coupled input, single
ended output, LED clipping indicators and fine
adjustment of DC offset.
Features:
• Selectable single-ended or differential
input, AC or DC coupled.
• Gain/phase matched channels
• LED clipping indicators
• Memory storage for up to 9 set-ups/channel
• Input noise 12 nV/ Hz typ.
• Programmable gain, 60 dB in 0.5 dB steps
• Input protection to 150 Volts P-P
• Outputs able to drive full range into 50 Ω.
• Hard front panel with remote GPIB and
RS232 interfaces provided.
Providing Real World analog and DSP
solutions for the following industries:
Health
Space
Defense
Science
Engineering
Technology
Applications:
• Sound Measurement
• Noise Testing
• Audio Communications
• Medical Research
• Industrial Process Control
• Seismic Analysis
• Vibration Analysis


Similar Part No. - 90PGA

ManufacturerPart #DatasheetDescription
logo
Bi technologies
90P BITECH-90P Datasheet
85Kb / 6P
   MODEL 89 3/4 Rectangular Multiturn Cermet Trimming Potentiometer
logo
Frequency Devices, Inc.
90PF FREQUENCYDEVICES-90PF Datasheet
2Mb / 18P
   Dual Channel Programmable Filter/Amplifier Card
90PF-H8B FREQUENCYDEVICES-90PF-H8B Datasheet
2Mb / 18P
   Dual Channel Programmable Filter/Amplifier Card
90PF-H8B/L8L FREQUENCYDEVICES-90PF-H8B/L8L Datasheet
2Mb / 18P
   Dual Channel Programmable Filter/Amplifier Card
90PF-L8L FREQUENCYDEVICES-90PF-L8L Datasheet
2Mb / 18P
   Dual Channel Programmable Filter/Amplifier Card
More results

Similar Description - 90PGA

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
90PF FREQUENCYDEVICES-90PF Datasheet
2Mb / 18P
   Dual Channel Programmable Filter/Amplifier Card
logo
Analog Devices
ADA4351-2 AD-ADA4351-2 Datasheet
4Mb / 36P
   Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
Rev. 0
logo
NXP Semiconductors
KMA220 NXP-KMA220 Datasheet
740Kb / 36P
   Dual channel programmable angle sensor
Rev. 1-24 May 2012
logo
List of Unclassifed Man...
MTI04BS ETC1-MTI04BS Datasheet
271Kb / 10P
   MULTI-CHANNEL PROGRAMMABLE GAIN TRANSIMPEDANCE AMPLIFIER
logo
Frequency Devices, Inc.
D83S-D FREQUENCYDEVICES-D83S-D Datasheet
215Kb / 4P
   Programmable Amplifier
logo
Texas Instruments
OPA3S2859 TI-OPA3S2859 Datasheet
2Mb / 33P
[Old version datasheet]   OPA3S2859 Dual-Channel, 900-MHz, 2.2-nV/?숰z, Programmable Gain Transimpedance Amplifier
MAY 2022
OPA3S2859 TI-OPA3S2859_V01 Datasheet
2Mb / 34P
[Old version datasheet]   OPA3S2859 Dual-Channel, 900-MHz, 2.2-nV/√Hz, Programmable Gain Transimpedance Amplifier
REVISED AUGUST 2022
logo
List of Unclassifed Man...
TH7301 ETC1-TH7301 Datasheet
279Kb / 14P
   Dual-Channel Programmable Low-Pass Filter
logo
Texas Instruments
ADS7142 TI1-ADS7142 Datasheet
1Mb / 58P
[Old version datasheet]   Nanopower, Dual-Channel, Programmable Sensor Monitor
logo
Melexis Microelectronic...
TH7301 MELEXIS-TH7301 Datasheet
280Kb / 14P
   Dual-Channel Programmable Low-Pass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com