Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE15031 Datasheet(PDF) 3 Page - Mospec Semiconductor

Part # MJE15031
Description  POWER TRANSISTORS(8.0A,120-150V,50W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

MJE15031 Datasheet(HTML) 3 Page - Mospec Semiconductor

  MJE15031 Datasheet HTML 1Page - Mospec Semiconductor MJE15031 Datasheet HTML 2Page - Mospec Semiconductor MJE15031 Datasheet HTML 3Page - Mospec Semiconductor MJE15031 Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A


Similar Part No. - MJE15031

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE15031 MOTOROLA-MJE15031 Datasheet
217Kb / 6P
   8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS
logo
Foshan Blue Rocket Elec...
MJE15031 FOSHAN-MJE15031 Datasheet
966Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
logo
ON Semiconductor
MJE15031 ONSEMI-MJE15031 Datasheet
217Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
November, 2014 ??Rev. 7
logo
Powerex Power Semicondu...
MJE15031 POWEREX-MJE15031 Datasheet
263Kb / 7P
   Gate Driver
logo
Boca Semiconductor Corp...
MJE15031 BOCA-MJE15031 Datasheet
25Kb / 2P
   HIGH FREQUENCY DRIVERS IN AUDIO AMPLIFIERS
More results

Similar Description - MJE15031

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6738 MOSPEC-2N6738 Datasheet
147Kb / 3P
   POWER TRANSISTORS(8.0A,100W)
2SC2555 MOSPEC-2SC2555 Datasheet
144Kb / 3P
   POWER TRANSISTORS(8.0A,400V,80W)
BU926 MOSPEC-BU926 Datasheet
75Kb / 2P
   POWER TRANSISTORS(8.0A,400V,120W)
2SC2502 MOSPEC-2SC2502 Datasheet
135Kb / 3P
   POWER TRANSISTORS(6.0A,400V,50W)
2SD868 MOSPEC-2SD868 Datasheet
122Kb / 3P
   POWER TRANSISTORS(2.5A,1500V,50W)
2SC1875 MOSPEC-2SC1875 Datasheet
111Kb / 3P
   POWER TRANSISTORS(4.5A,1500V,50W)
2SC1358 MOSPEC-2SC1358 Datasheet
112Kb / 3P
   POWER TRANSISTORS(4.5A,1400V,50W)
2SC2908 MOSPEC-2SC2908 Datasheet
120Kb / 3P
   POWER TRANSISTORS(5.0A,100V,50W)
2SC3150 MOSPEC-2SC3150 Datasheet
125Kb / 3P
   POWER TRANSISTORS(3A,800V,50W)
2SC3039 MOSPEC-2SC3039 Datasheet
137Kb / 3P
   POWER TRANSISTORS(7.0A,400V,50W)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com