Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

818L8B-3 Datasheet(PDF) 6 Page - Frequency Devices, Inc.

Part # 818L8B-3
Description  2" x 4" 8-Pole Filters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

818L8B-3 Datasheet(HTML) 6 Page - Frequency Devices, Inc.

Back Button 818L8B-3 Datasheet HTML 2Page - Frequency Devices, Inc. 818L8B-3 Datasheet HTML 3Page - Frequency Devices, Inc. 818L8B-3 Datasheet HTML 4Page - Frequency Devices, Inc. 818L8B-3 Datasheet HTML 5Page - Frequency Devices, Inc. 818L8B-3 Datasheet HTML 6Page - Frequency Devices, Inc. 818L8B-3 Datasheet HTML 7Page - Frequency Devices, Inc. 818L8B-3 Datasheet HTML 8Page - Frequency Devices, Inc. 818L8B-3 Datasheet HTML 9Page - Frequency Devices, Inc. 818L8B-3 Datasheet HTML 10Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
818 Series
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
10
0
-10
-20
-30
-40
-50
-60
-70
-80
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
f/fc
40kHz
80kHz
160kHz
320kHz
640kHz
1.28MHz
Phase Deviation from Theoretical
6


Similar Part No. - 818L8B-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
818L8B ETC1-818L8B Datasheet
625Kb / 13P
   2 X 4 8-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com