Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

824L8Y5-3 Datasheet(PDF) 10 Page - Frequency Devices, Inc.

Part # 824L8Y5-3
Description  2" x 2" 4-Pole Filters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

824L8Y5-3 Datasheet(HTML) 10 Page - Frequency Devices, Inc.

Back Button 824L8Y5-3 Datasheet HTML 5Page - Frequency Devices, Inc. 824L8Y5-3 Datasheet HTML 6Page - Frequency Devices, Inc. 824L8Y5-3 Datasheet HTML 7Page - Frequency Devices, Inc. 824L8Y5-3 Datasheet HTML 8Page - Frequency Devices, Inc. 824L8Y5-3 Datasheet HTML 9Page - Frequency Devices, Inc. 824L8Y5-3 Datasheet HTML 10Page - Frequency Devices, Inc. 824L8Y5-3 Datasheet HTML 11Page - Frequency Devices, Inc. 824L8Y5-3 Datasheet HTML 12Page - Frequency Devices, Inc. 824L8Y5-3 Datasheet HTML 13Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Low-Pass
4-Pole, 0.5 dB Ripple
Appendix A
Chebychev
15
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com Web Address: http://www.freqdev.com
Normalized Frequency(f/fc)
Normalized Time (1/f sec)
Normalized Time (1/f sec)
Frequency Response
Delay
(Normalized)
Step Response
0.1
1.0
10.0
2
3 4 5 6 78
2
3 4 5 6 7 8
-100
-80
-60
-40
-20
0
0.1
1.0
2
3
4
5 6 7 8 9
0.0
1.0
2.0
1.5
0.15
0
1
2
3
4
5
-0.0
0.2
0.4
0.6
0.8
1.0
1.2
(sec)
Theoretical Transfer Characteristics
1
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.85
0.90
0.95
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
1.90
2.00
2.25
2.50
2.75
3.00
3.25
3.50
4.00
5.00
6.00
7.00
8.00
9.00
10.0
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay
-74.0
-79.4
-84.1
-88.2
-91.9
-49.3
-52.2
-54.9
-59.7
-67.6
-32.1
-34.1
-38.6
-42.6
-46.1
-350
-351
-352
-353
-354
-339
-340
-342
-344
-347
-324
-326
-301
-334
-336
.005
.004
.003
.002
.002
.021
.018
.015
.011
.007
.065
.057
.042
.033
.026
-19.3
-22.4
-25.1
-27.6
-29.9
-1.12
-3.01
-7.61
-12.0
-15.9
-305
-311
-315
-318
-321
0.025
0.072
0.432
0.482
0.062
-226
-245
-272
-288
-298
.173
.134
.108
.089
.075
1.13
.946
.559
.345
.235
0.00
0.087
0.295
0.474
0.463
0.248
-119
-141
-168
-185
-205
0.00
-17.3
-35.7
-55.7
-76.9
-98.2
.578
.647
.881
1.06
1.18
.476
.492
.533
.577
.596
.583


Similar Part No. - 824L8Y5-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
824L8Y5 ETC1-824L8Y5 Datasheet
523Kb / 13P
   2 X 2 4-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com