Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

818H8D80-3 Datasheet(PDF) 3 Page - Frequency Devices, Inc.

Part # 818H8D80-3
Description  2" x 4" 8-Pole Filters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

818H8D80-3 Datasheet(HTML) 3 Page - Frequency Devices, Inc.

  818H8D80-3 Datasheet HTML 1Page - Frequency Devices, Inc. 818H8D80-3 Datasheet HTML 2Page - Frequency Devices, Inc. 818H8D80-3 Datasheet HTML 3Page - Frequency Devices, Inc. 818H8D80-3 Datasheet HTML 4Page - Frequency Devices, Inc. 818H8D80-3 Datasheet HTML 5Page - Frequency Devices, Inc. 818H8D80-3 Datasheet HTML 6Page - Frequency Devices, Inc. 818H8D80-3 Datasheet HTML 7Page - Frequency Devices, Inc. 818H8D80-3 Datasheet HTML 8Page - Frequency Devices, Inc. 818H8D80-3 Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
818 Series
8-Pole
Low-Pass Filters
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
8-Bit Programmable
1.Unit to unit match for the same transfer function, set to the same frequency and operating configuration, and from the same manufacturing lot.
3
Model
818L8B
818L8L
818L8E
818L8D80
Product Specifications
Transfer Function
8-Pole,
8-Pole,
8-Pole, 6 zero,
8-Pole, 6 zero,
Butterworth
Bessel
Elliptic
Constant Delay
Size
2.0” x 4.0” x 0.4”
2.0” x 4.0” x 0.4”
2.0” x 4.0” x 0.4”
2.0” x 4.0” x 0.4”
Range fc
1 kHz to 128 MHz
1 kHz to 1.28 MHz
1 kHz to 1.28 MHz
1 kHz to 1.28 MHz
Theoretical Transfer
Appendix A
Appendix A
Appendix A
Appendix A
Characteristics
Page 9
Page 4
Page 24
Page 21
Passband Ripple
0.0 dB
0.0 dB
± 0.035 dB
0.15 dB
(theoretical)
DC Voltage Gain
0 ± 0.1 dB max.
0 ± 0.1 dB max.
0 ± 0.1 dB max.
0 ± 0.1 dB max.
(non-inverting)
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
Stopband
Attenuation Rate
48 dB/octave
48 dB/octave
80 dB min.
80 dB min.
Cutoff Frequency
fc
± 3% max.
fc
± 3% max.
fr
± 3% max.
fc
± 3% max.
Stability
± 0.01% /°C
± 0.01% /°C
± 0.01% /°C
± 0.01% /°C
Amplitude
- 3 dB
- 3 dB
- 0.035 dB
- 3 dB
Phase
-360°
-182°
- 323.5°
-306°
Filter Attenuation
0.12 dB
0.80 fc
1.91 dB
0.80 fc
0.035 dB
1.00 fr
3.01 dB
1.00 fc
(theoretical)
3.01 dB
1.00 fc
3.01 dB
1.00 fc
3.01 dB
1.13 fr
60.0 dB
3.08 fc
60.0 dB
2.37 fc
60.0 dB
4.52 fc
60.0 dB
1.67 fr
80.0 dB
3.57 fc
80.0 dB
3.16 fc
80.0 dB
6.07 fc
80.0 dB
1.77 fr
Phase Match1
See page 5 & 6
See page 5 & 6
See page 5 & 6
See page 5 & 6
Amplitude Accuracy
0 - 0.6 fc
± 0.5 dB max.
0 - fc
± 0.8 dB max.
0 - 0.8 fr
± 0.5 dB max.
0 - 0.8 fc
± 0.5 dB max.
(theoretical)
± 0.25 dB typ.
± 0.4 dB typ.
± 0.25 dB typ.
± 0.25 dB typ.
0.6 fc - 1.0 fc ± 1.0 dB max.
0.8 fc - 1.0 fr ± 1.0 dB max.
0.8 fc - 1.0 fc ± 1.0 dB max.
± 0.6 dB typ.
± 0.5 dB typ.
± 0.5 dB typ.
Total Harmonic
< - 88 dB typ.
< - 88 dB typ.
< - 88 dB typ.
< - 88 dB typ.
Distortion @ 1 kHz
Wide Band Noise
300
µVrms typ.
300
µVrms typ.
350
µVrms typ.
300
µVrms typ.
(5 Hz - 2 MHz)
Narrow Band Noise
75
µVrms typ.
75
µVrms typ.
75
µVrms typ.
75
µVrms typ.
(5 Hz - 100 kHz)
Filter Mounting
Assembly
FMA-04A
FMA-04A
FMA-04A
FMA-04A


Similar Part No. - 818H8D80-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
818H8B ETC1-818H8B Datasheet
625Kb / 13P
   2 X 4 8-Pole Filters
818H8E ETC1-818H8E Datasheet
625Kb / 13P
   2 X 4 8-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com