Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

818L8L-4 Datasheet(PDF) 4 Page - Frequency Devices, Inc.

Part # 818L8L-4
Description  2" x 4" 8-Pole Filters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

818L8L-4 Datasheet(HTML) 4 Page - Frequency Devices, Inc.

  818L8L-4 Datasheet HTML 1Page - Frequency Devices, Inc. 818L8L-4 Datasheet HTML 2Page - Frequency Devices, Inc. 818L8L-4 Datasheet HTML 3Page - Frequency Devices, Inc. 818L8L-4 Datasheet HTML 4Page - Frequency Devices, Inc. 818L8L-4 Datasheet HTML 5Page - Frequency Devices, Inc. 818L8L-4 Datasheet HTML 6Page - Frequency Devices, Inc. 818L8L-4 Datasheet HTML 7Page - Frequency Devices, Inc. 818L8L-4 Datasheet HTML 8Page - Frequency Devices, Inc. 818L8L-4 Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
8-Bit Programmable
818 Series
8-Pole
High-Pass Filters
4
1.Unit to unit match for the same transfer function, set to the same frequency and operating configuration, and from the same manufacturing lot.
Model
818H8B
818H8E
Product Specifications
Transfer Function
8-Pole,
8-Pole, 6-zero,
Butterworth
Elliptic
Size
2.0” x 4.0” x 0.4”
2.0” x 4.0” x 0.4”
Range fc
1 kHz to 1.28 MHz
1 kHz to 1.28 MHz
Theoretical Transfer
Appendix A
Appendix A
Characteristics
Page 29
Page 37
Passband Ripple
0.0 dB
± 0.035 dB
(theoretical)
Voltage Gain
0 ± 0.5 dB to 1.28 MHz
0 ± 0.5 dB to 1.28 MHz
(non-inverting)
Power Bandwidth
(-6 dB) 5 MHz
(-6 dB) 5 MHz
Stopband
Attenuation Rate
48 dB/octave
80 dB
Cutoff Frequency
fc
± 3% max.
fr
± 3% max.
Stability
± 0.01% /°C
± 0.01% /°C
Amplitude
- 3 dB
- 0.035 dB
Phase
-360°
-323.5°
Filter Attenuation
80 dB
0.31 fc
80.0 dB
0.56 fr
(theoretical)
60 dB
0.42 fc
60.0 dB
0.60 fr
3.01 dB
1.00 fc
3.01 dB
0.88 fr
0.00 dB
2.00 fc
0.03 dB
1.00 fr
00.0 dB
2.00 fr
Amplitude Accuracy
1.0 - 1.25 fc ± 0.5 dB max.
1.00 - 1.25 fr ± 0.5 dB max.
(theoretical)
± 0.3 dB typ.
± 0.3 dB typ.
1.25fc-1.28MHz± 1.0 dB max.
1.25fr-1.28MHz± 1.0 dB max.
± 0.5 dB typ.
± 0.5 dB typ.
Total Harmonic
< - 88 dB typ.
< - 88 dB typ.
Distortion @ 1 kHz
Wide Band Noise
400
µVrms typ.
450
µVrms typ.
Narrow Band Noise
100
µVrms typ.
100
µVrms typ.
Filter Mounting
Assembly
FMA-04A
FMA-04A


Similar Part No. - 818L8L-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
818L8L ETC1-818L8L Datasheet
625Kb / 13P
   2 X 4 8-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com