Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

824H8B-6 Datasheet(PDF) 11 Page - Frequency Devices, Inc.

Part # 824H8B-6
Description  2" x 2" 4-Pole Filters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

824H8B-6 Datasheet(HTML) 11 Page - Frequency Devices, Inc.

Back Button 824H8B-6 Datasheet HTML 5Page - Frequency Devices, Inc. 824H8B-6 Datasheet HTML 6Page - Frequency Devices, Inc. 824H8B-6 Datasheet HTML 7Page - Frequency Devices, Inc. 824H8B-6 Datasheet HTML 8Page - Frequency Devices, Inc. 824H8B-6 Datasheet HTML 9Page - Frequency Devices, Inc. 824H8B-6 Datasheet HTML 10Page - Frequency Devices, Inc. 824H8B-6 Datasheet HTML 11Page - Frequency Devices, Inc. 824H8B-6 Datasheet HTML 12Page - Frequency Devices, Inc. 824H8B-6 Datasheet HTML 13Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
High-Pass
4-Pole
Appendix A
Butterworth
27
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com Web Address: http://www.freqdev.com
(sec)
Normalized Frequency(f/fc)
Theoretical Transfer Characteristics
1
Frequency Response
0.1
1.0
10.0
2
3 4 5 6 78
2
3 4 5 6 7
-100
-80
-60
-40
-20
0
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.85
0.90
0.95
1.00
1.20
1.40
1.60
1.80
2.00
2.50
3.00
4.00
5.00
6.00
7.00
8.00
9.00
10.0
0.00
0.00
0.00
0.00
0.00
0.00
-0.039
-0.017
-0.003
-0.001
0.00
-3.99
-3.01
-0.908
-0.285
-0.100
-17.8
-12.6
-8.43
-6.69
-5.22
-80.0
-55.9
-41.8
-31.8
-24.1
345
330
314
299
282
264
245
224
213
202
191
180
143
118
100
87.6
78.0
61.4
50.7
37.8
30.1
25.1
21.4
18.8
16.7
15.0
.017
.012
.009
.007
.005
.004
.152
.119
.072
.049
.027
.612
.588
.427
.289
.204
.511
.558
.604
.619
.622
.418
.423
.433
.449
.474
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay


Similar Part No. - 824H8B-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
824H8B ETC1-824H8B Datasheet
523Kb / 13P
   2 X 2 4-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com