Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

428L4E-4 Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # 428L4E-4
Description  32-Pin DIP 8-Pole Filters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

428L4E-4 Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  428L4E-4 Datasheet HTML 1Page - Frequency Devices, Inc. 428L4E-4 Datasheet HTML 2Page - Frequency Devices, Inc. 428L4E-4 Datasheet HTML 3Page - Frequency Devices, Inc. 428L4E-4 Datasheet HTML 4Page - Frequency Devices, Inc. 428L4E-4 Datasheet HTML 5Page - Frequency Devices, Inc. 428L4E-4 Datasheet HTML 6Page - Frequency Devices, Inc. 428L4E-4 Datasheet HTML 7Page - Frequency Devices, Inc. 428L4E-4 Datasheet HTML 8Page - Frequency Devices, Inc. 428L4E-4 Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
4-Bit Programmable Filters
428 Series
Digital Tuning &
Control Characteristics
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com •
W eb Address: http://www.freqdev.com
Digital Tuning Characteristics
The digital tuning interface circuits are a parallel set of CMOS
switches which accept CMOS compatible inputs for the four
tuning bits (D0 - D3).
Binary Tuning Range
Pin-Out Key
IN
Analog Input Signal
D3
Tuning Bit 3 (MSB)
OUT Analog Output Signal
D2
Tuning Bit 2
GND Power and Signal Return D1
Tuning Bit 1
+Vs Supply Voltage, Positive D0
Tuning Bit 0 (LSB)
-Vs Supply Voltage, Negative +5V Logic Power
Os
Offset Adjustment
Data Input Specifications
Input Data Levels
(+5Vdc CMOS Logic)
Input Voltage (Vs=15 Vdc)
Low Level In
0 Vdc min.
0.5 Vdc max.
High Level In
3.5 Vdc min.
5.0 Vdc max.
Input Current
High Level In
-0.4mAtyp.
-2.0mAmax.
Low Level In
+0.4mAtyp.
+2.0mAmax.
Input Capacitance
20 pF typ.
30 pF max.
Input Data Format
Frequency Select Bits
Positive Logic
Logic “1” = (+5Vdc)
Logic “0” = Gnd
Bit Weight
(Binary-Coded)
D0
LSB (least significant bit)
D3
MSB (most significant bit)
Frequency Range16:1 Binary Weighted
MSB
---
---
LSB
Bit
Weight
23
22
21
20
fc - corner
D3
D2
D1
D0
frequency
00
0
0
fmax/16
00
0
1
fmax/8
00
1
1
fmax/4
01
1
1
fmax/2
11
1
1
fmax
Binary Tuning Equation:
fc = (fmax /16) [1+ D3 x 23 + D2 x 22 + D1 x 21 + D0 x 20]
where D1 - D3 = “0” or “1”, and
fmax = Maximum tuning frequency
fc = Corner frequency;
Minimum tunable frequency = fmax /16 (D0 thru D3 = 0);
Minimum frequency step (Resolution) = fmax /16
Discrete Frequencies
FD0
D1
D2
D3
FB
00
0
0
F1
10
0
0
F2
11
0
0
F3
11
1
0
F4
11
1
1
Discrete Tuning Equation:
fc = FB + D0[f0] + D1[f1] + D2[f2] + D3[f3]
f0, f1, f2, f3 are the incremental frequency shifts for the data
bits D0, D1, D2 and D3. They are selected to realize the five
customer specified programming frequencies F
B
F4 . Other
programming codes produce valid fc’s between FB and F4 .
2
Bottom View
0.80"
0.70"
0.10"
0.00"
-Vs
IN
D0
D1
D3
Os
OUT
D2
+5V
GND
+Vs
->


Similar Part No. - 428L4E-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
428L4E ETC1-428L4E Datasheet
1,009Kb / 18P
   32-Pin DIP 8-Pole Filters
428L4EX ETC1-428L4EX Datasheet
1,009Kb / 18P
   32-Pin DIP 8-Pole Filters
428L4EY ETC1-428L4EY Datasheet
1,009Kb / 18P
   32-Pin DIP 8-Pole Filters
More results

Similar Description - 428L4E-4

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D68L8B FREQUENCYDEVICES-D68L8B Datasheet
471Kb / 17P
   32 Pin DIP 8-Pole Filters
logo
List of Unclassifed Man...
428L4B ETC1-428L4B Datasheet
1,009Kb / 18P
   32-Pin DIP 8-Pole Filters
DP68 ETC1-DP68 Datasheet
478Kb / 17P
   32 Pin DIP 8-Pole Filters
DP78 ETC1-DP78 Datasheet
564Kb / 6P
   32 Pin DIP 8-Pole Filters
logo
Frequency Devices, Inc.
D78L8B FREQUENCYDEVICES-D78L8B Datasheet
368Kb / 6P
   32 Pin DIP 8-Pole Filters
D01L8B FREQUENCYDEVICES-D01L8B Datasheet
555Kb / 10P
   32-Pin DIP 8-, 6-, 4-Pole Filters
D64L4B FREQUENCYDEVICES-D64L4B Datasheet
533Kb / 11P
   32-Pin DIP 4 - Pole Filters
logo
List of Unclassifed Man...
DP66 ETC1-DP66 Datasheet
894Kb / 6P
   32 Pin DIP 6-Pole Filters
logo
Frequency Devices, Inc.
D61L4B FREQUENCYDEVICES-D61L4B Datasheet
701Kb / 6P
   32-Pin DIP 4 - Pole Filters
424L4B-1 FREQUENCYDEVICES-424L4B-1 Datasheet
840Kb / 12P
   32-Pin DIP 4-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com