Electronic Components Datasheet Search |
|
828H8D10-6 Datasheet(PDF) 6 Page - Frequency Devices, Inc. |
|
828H8D10-6 Datasheet(HTML) 6 Page - Frequency Devices, Inc. |
6 / 19 page Specification (25°C and Vs ± 15 Vdc) 828 Series Pin-Out and Package Data Ordering Information 1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176 e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements, recommendations or suggestions herein in conjunction with our conditions of sale which apply to all goods supplied by us. We assume no responsibility for the use of these statements, recommendations or suggestions, nor do we intend them as a recommendation for any use which would infringe any patent or copyright. IN-00828-00 20 k Ω (Cermet) OS +Vs -Vs Do not connect if trim is not required. Analog Input Characteristics1 Impedance 10 k Ω min. Voltage Range ± 10 Vpeak Max. Safe Voltage ±Vs Analog Output Characteristics Impedance (Closed Loop) 11 Ω typ. 10 Ω max. Linear Operating Range ±10V Maximum Current 2 ±2 mA Offset Voltage 3 22 mV typ. 20 mV max. Offset Temp. Coeff. 50 µV/°C Power Supply ( ±Vs) Rated Voltage ±15 Vdc Operating Range ±12 to ±18 Vdc Maximum Safe Voltage ±18 Vdc Quiescent Current 8 Pole ±25 mA typ. ±40 mA max. Temperature Operating -20 to +70°C Storage -25 to +85°C Notes: 1. Input and output signal voltage referenced to supply common. 2. Output is short circuit protected to common. DO NOT CONNECT TO ±Vs. 3. Adjustable to zero. 4. Units operate with or without offset pin connected. DC Offset Adjustment 828L8E-3 e.g., Model Tuning Minimum Number Range (Hz) Step(Hz) Case 2 1.0 to 256 1.0 G-3 3 10 to 2560 10 G-3 4 100 to 25.6k 100 G-3 5 200 to 51.2k 200 G-3 6 400 to 102.4k 400 G-3 Model Number Transfer Function B - Butterworth L - Bessel D60 - constant delay (-60 dB) D80 - constant delay (-80 dB) D10 - constant delay (-100 dB) E - elliptic 1.77 (-80 dB) EX- elliptic 1.56 (-80dB) EY - elliptic 2.00 (-100 dB) Filter Type L - Low Pass H - High Pass Ordering Information Side View +Vs OUT -Vs D D D D GND D D D D IN 2.00 Bottom View 0.15 min. 0.025 Dia. Os 4 5 3 2 1 0 6 7 4 G-3 0.5 2.00 All dimensions are in inches All Case Dimensions ± 0.02" Grid Dimensions 0.1" x 0.1" Filter Mounting Assembly-See FMA-02A 6 Pin-Out & Package Data |
Similar Part No. - 828H8D10-6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |