Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

858H8EX-5 Datasheet(PDF) 10 Page - Frequency Devices, Inc.

Part # 858H8EX-5
Description  2" x 4" 8-Pole Filters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

858H8EX-5 Datasheet(HTML) 10 Page - Frequency Devices, Inc.

Back Button 858H8EX-5 Datasheet HTML 6Page - Frequency Devices, Inc. 858H8EX-5 Datasheet HTML 7Page - Frequency Devices, Inc. 858H8EX-5 Datasheet HTML 8Page - Frequency Devices, Inc. 858H8EX-5 Datasheet HTML 9Page - Frequency Devices, Inc. 858H8EX-5 Datasheet HTML 10Page - Frequency Devices, Inc. 858H8EX-5 Datasheet HTML 11Page - Frequency Devices, Inc. 858H8EX-5 Datasheet HTML 12Page - Frequency Devices, Inc. 858H8EX-5 Datasheet HTML 13Page - Frequency Devices, Inc. 858H8EX-5 Datasheet HTML 14Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
8-Pole, 6-Zero
Constant Delay
Appendix A
Low-Pass (60 dB)
20
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com Web Address: http://www.freqdev.com
Normalized Frequency(f/fc)
Normalized Time (1/f sec)
Normalized Time (1/f sec)
Frequency Response
Delay
(Normalized)
Step Response
0.1
1.0
10.0
2
3 4 5 6 78
2
3 4 5 6 7
-100
-80
-60
-40
-20
0
0
1
2
3
4
5
-0.0
0.2
0.4
0.6
0.8
1.0
1.2
-0.2
0.1
1.0
2
3
4
5 6 7 8 9
0.0
0.5
1.0
1.5
0.15
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
1.40
1.60
1.80
2.00
2.25
0.90
0.95
1.00
1.10
1.20
0.50
0.60
0.70
0.80
0.85
0.00
0.10
0.20
0.30
0.40
(sec)
Theoretical Transfer Characteristics
1
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay
6.50
7.00
8.00
9.00
10.0
5.00
5.25
5.50
5.75
6.00
3.75
4.00
4.25
4.50
4.75
2.50
2.75
3.00
3.25
3.50
-63.3
-63.7
-64.7
-66.0
-67.3
-64.6
-63.9
-63.5
-63.3
-63.2
-74.7
-85.0
-72.0
-67.9
-65.8
-50.5
-78.0
-63.7
-63.5
-66.9
-10.3
-15.9
-22.4
-29.4
-39.0
-2.02
-2.48
-3.01
-4.29
-5.91
-0.161
-0.384
-0.745
-1.28
-1.62
0.00
0.005
0.012
0.005
-0.042
-295
-299
-307
-313
-318
-275
-279
-283
-286
-289
-425
-253
-259
-265
-270
-544
-561
-395
-407
-417
-386
-431
-467
-495
-523
-252
-265
-279
-307
-334
-140
-168
-196
-224
-238
0.00
-28.0
-55.9
-83.9
-112
.028
.024
.019
.015
.012
.048
.044
.040
.036
.033
.088
.077
.068
.060
.054
.212
.171
.142
.119
.102
.675
.558
.443
.351
.268
.776
.775
.773
.766
.749
.776
.776
.776
.776
.776
.776
.776
.776
.776
.776


Similar Part No. - 858H8EX-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
858H8EX-5 ETC1-858H8EX-5 Datasheet
540Kb / 19P
   2 X 4 8-Pole Filters
logo
Frequency Devices, Inc.
858H8EX-5 FREQUENCYDEVICES-858H8EX-5 Datasheet
524Kb / 19P
   8-Bit Programmable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com