Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

858L8D60-6 Datasheet(PDF) 5 Page - Frequency Devices, Inc.

Part # 858L8D60-6
Description  2" x 4" 8-Pole Filters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

858L8D60-6 Datasheet(HTML) 5 Page - Frequency Devices, Inc.

  858L8D60-6 Datasheet HTML 1Page - Frequency Devices, Inc. 858L8D60-6 Datasheet HTML 2Page - Frequency Devices, Inc. 858L8D60-6 Datasheet HTML 3Page - Frequency Devices, Inc. 858L8D60-6 Datasheet HTML 4Page - Frequency Devices, Inc. 858L8D60-6 Datasheet HTML 5Page - Frequency Devices, Inc. 858L8D60-6 Datasheet HTML 6Page - Frequency Devices, Inc. 858L8D60-6 Datasheet HTML 7Page - Frequency Devices, Inc. 858L8D60-6 Datasheet HTML 8Page - Frequency Devices, Inc. 858L8D60-6 Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
8-Bit Programmable
858 Series
8-Pole
High-Pass Filters
Model
858H8B
858H8E
858H8EX
858H8EY
Product Specifications
Transfer Function
8-Pole
8-Pole, 6 zero
8-Pole, 6 zero
8-Pole, 6 zero
Butterworth
Elliptic
Elliptic
Elliptic
Size, Model 2
4.0” x 2.0” x 0.6”
4.0” x 2.0” x 0.6”
4.0” x 2.0” x 0.6”
4.0” x 2.0” x 0.6”
Model 3 thru 6
4.0” x 2.0” x 0.4”
4.0” x 2.0” x 0.4”
4.0” x 2.0” x 0.4”
4.0” x 2.0” x 0.4”
Range fc, fr
0.1 Hz to 102.4 kHz
0.1 Hz to 102.4 kHz
0.1 Hz to 102.4 kHz
0.1 Hz to 102.4 kHz
Theoretical Transfer
Appendix A
Appendix A
Appendix A
Appendix A
Characteristics
Page 29
Page 37
Page 36
Page 38
Passband Ripple
0.0 dB
± 0.035 dB
- 0.05 dB
- 0.05 dB
(theoretical)
Voltage Gain
0 ± 0.2 dB to 100 kHz
0 ± 0.2 dB to 100 kHz
0 ± 0.2 dB to 100 kHz
0 ± 0.2 dB to 100 kHz
(non-inverting)
0 ± 0.5 dB to 120 kHz
0 ± 0.5 dB to 120 kHz
0 ± 0.5 dB to 120 kHz
0 ± 0.5 dB to 120 kHz
Power Bandwidth
120 kHz
120 kHz
120 kHz
120 kHz
Small Signal
(-6 dB) 1 MHz
(-6 dB) 1 MHz
(-6 dB) 1 MHz
(-6 dB) 1 MHz
Bandwidth
Stopband
Attenuation Rate
48 dB/octave
80 dB
80 dB
100 dB
Cutoff Frequency
fc
± 2% max.
fr
± 2% max.
fr
± 2% max.
fr
± 2% max.
Stability
± 0.01% /°c
± 0.01% /°c
± 0.01% /°c
± 0.01% /°c
Amplitude
- 3 dB
- 0.035 dB
- 0.05 dB
- 0.05 dB
Phase
-360°
-323.5°
-414°
-419°
Filter Attenuation
80 dB
0.31 fc
80 dB
0.56 fr
80 dB
0.64 fr
100 dB
0.50 fr
(theoretical)
60.0 dB
0.42 fc
60.0 dB
0.60 fr
60.0 dB
0.69 fr
80.0 dB
0.55 fr
3.01 dB
1.00 fc
3.01 dB
0.88 fr
3.01 dB
0.95 fr
3.01 dB
0.94 fr
0.00 dB
2.00 fc
0.03 dB
1.00 fr
0.03 dB
1.00 fr
0.03 dB
1.00 fr
0.00 dB
2.00 fr
0.00 dB
2.00 fr
0.00 dB
2.00 fr
Phase Match1
fc - 100 kHz ± 3° max.
fr - 1.25 fr
± 4° max.
fr - 1.25 fr
± 4° max.
fr - 1.25 fr
± 4° max.
± 1.5° typ.
± 2° typ.
± 2° typ.
± 2° typ.
1.25 fr-100 kHz ± 2° max.
1.25 fr-100 kHz± 2° max.
1.25 fr-100 kHz ± 3° max.
± 1° typ.
± 1° typ.
± 1.5° typ.
Amplitude Accuracy
fc-1.25 fc
± 0.30 dB max. fr-1.25 fr
± 0.3 dB max. fr-1.25 fr
± 0.5 dB max. fr-1.25 fr
± 0.5 dB max.
(theoretical)
± 0.15 dB typ.
± 0.15 dB typ.
± 0.25 dB typ.
± 0.25 dB typ.
1.25 fc-100kHz± 0.20 dB max.
1.25 fr-100 kHz ± 0.2 dB max.
1.25 fr-100 kHz ± 0.2 dB max.
1.25 fr-100 kHz ± 0.2 dB max.
± 0.10 dB typ.
± 0.1 dB typ.
± 0.1 dB typ.
± 0.1 dB typ.
Total Harmonic
< - 100 dB typ.
< - 88 dB typ.
< - 88 dB typ.
< - 88 dB typ.
Distortion @ 1 kHz
Wide Band Noise
400
mVrms typ.
400
mVrms typ.
500
mVrms typ.
500
mVrms typ.
(5 Hz - 2 MHz)
Narrow Band Noise
100
mVrms typ.
100
mVrms typ.
150
mVrms typ.
150
mVrms typ.
(5 Hz - 100 kHz)
Filter Mounting
Assembly
FMA-03A
FMA-03A
FMA-03A
FMA-03A
1.Unit to unit match for the same transfer function, set to the same frequency and operating configuration, and from the same manufacturing lot.
5


Similar Part No. - 858L8D60-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
858L8D60-6 ETC1-858L8D60-6 Datasheet
540Kb / 19P
   2 X 4 8-Pole Filters
logo
Frequency Devices, Inc.
858L8D60-6 FREQUENCYDEVICES-858L8D60-6 Datasheet
524Kb / 19P
   8-Bit Programmable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com