Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

428L4D10-9 Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # 428L4D10-9
Description  32-Pin DIP 8-Pole Filters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

428L4D10-9 Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  428L4D10-9 Datasheet HTML 1Page - Frequency Devices, Inc. 428L4D10-9 Datasheet HTML 2Page - Frequency Devices, Inc. 428L4D10-9 Datasheet HTML 3Page - Frequency Devices, Inc. 428L4D10-9 Datasheet HTML 4Page - Frequency Devices, Inc. 428L4D10-9 Datasheet HTML 5Page - Frequency Devices, Inc. 428L4D10-9 Datasheet HTML 6Page - Frequency Devices, Inc. 428L4D10-9 Datasheet HTML 7Page - Frequency Devices, Inc. 428L4D10-9 Datasheet HTML 8Page - Frequency Devices, Inc. 428L4D10-9 Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
10 Hz - 102.4 kHz
4-Bit Programmable
428 Series
32-Pin DIP
8-Pole Filters
Description
The 428 Series are 8-pole digitally programmable
low-pass and high-pass active filters. These new
filters take advantage of the company’s proprietary
designs using surface-mount technology to provide
a low profile, compact package in minimal board
space. 428 filters are factory tuned to one of ten
preset 4-bit binary ranges from 10 Hz to 102.4 kHz.
Contact the factory for custom discrete tuning
ranges, maximum span 1000:1.
All 428 Series models are easy to use fully finished
filters which require no external components or
adjustment. They feature low harmonic distortion,
near theoretical phase and amplitude characteristics
and operate over a dynamic input voltage range
from non-critical ±12V to ±18V power supplies.
Features/Benefits:
• Low harmonic distortion and wide signal-to-noise
ratio to 16-bit resolution.
• Compact 1.8"L x 0.8"W x 0.3"H min. (32-pin DIP
footprint) minimizes board space requirements.
• Digitally programmable corner frequency allows
selecting cut-off frequencies specific to each
application.
• Plug-in ready-to-use, reducing engineering design
and manufacturing cycle time.
• Factory tuned, no external clocks or adjustments
needed.
• Broad range of transfer characteristics and corner
frequencies to meet a wide range of applications.
Applications
• Anti-alias filtering
• Data acquisition systems
• Communication systems and electronics
• Medical electronics equipment and research
• Aerospace, navigation and sonar applications
• Acoustic and vibration analysis and control
• Real and compressed time data analysis
• Noise elimination
• Signal reconstruction
Programmable Specifications: . . . . . . . . . . . . . Page
Digital Tuning & Control . . . . . . . . . . . . . . . . . . . . . . . 2
Available Low-Pass Models: . . . . . . . . . . . . . . . . . . .
428L4B
8-pole Butterworth . . . . . . . . . . . . . . . . . . 3
428L4E
8-pole, 6 zero elliptic, 1.77 (-80dB) . . . . . . 3
428L4EX 8-pole, 6 zero elliptic, 1.56 (-80dB) . . . . . . 3
428L4EY 8-pole, 6 zero elliptic, 2.00 (-100dB) . . . . . 3
428L4L
8-pole Bessel . . . . . . . . . . . . . . . . . . . . . . 4
428L4D60 8-pole constant delay (-60dB). . . . . . . . . . 4
428L4D80 8-pole constant delay (-80dB). . . . . . . . . . 4
428L4D10 8-pole constant delay (-100dB). . . . . . . . . 4
Available High-Pass Models: . . . . . . . . . . . . . . . . . .
428H4B 8-pole Butterworth . . . . . . . . . . . . . . . . . . 5
428H4E
8-pole, 6 zero elliptic, 1.77 (-80dB) . . . . . . 5
428H4EX 8-pole, 6 zero elliptic, 1.56 (-80dB) . . . . . . 5
428H4EY 8-pole, 6 zero elliptic, 2.00 (-100dB) . . . . . 5
General Specifications:
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . 6
Pin-out/package data. . . . . . . . . . . . . . . . . . . . . . . . . 6


Similar Part No. - 428L4D10-9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
428L4D10 ETC1-428L4D10 Datasheet
1,009Kb / 18P
   32-Pin DIP 8-Pole Filters
More results

Similar Description - 428L4D10-9

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D68L8B FREQUENCYDEVICES-D68L8B Datasheet
471Kb / 17P
   32 Pin DIP 8-Pole Filters
logo
List of Unclassifed Man...
428L4B ETC1-428L4B Datasheet
1,009Kb / 18P
   32-Pin DIP 8-Pole Filters
DP68 ETC1-DP68 Datasheet
478Kb / 17P
   32 Pin DIP 8-Pole Filters
DP78 ETC1-DP78 Datasheet
564Kb / 6P
   32 Pin DIP 8-Pole Filters
logo
Frequency Devices, Inc.
D78L8B FREQUENCYDEVICES-D78L8B Datasheet
368Kb / 6P
   32 Pin DIP 8-Pole Filters
D01L8B FREQUENCYDEVICES-D01L8B Datasheet
555Kb / 10P
   32-Pin DIP 8-, 6-, 4-Pole Filters
D64L4B FREQUENCYDEVICES-D64L4B Datasheet
533Kb / 11P
   32-Pin DIP 4 - Pole Filters
logo
List of Unclassifed Man...
DP66 ETC1-DP66 Datasheet
894Kb / 6P
   32 Pin DIP 6-Pole Filters
logo
Frequency Devices, Inc.
D61L4B FREQUENCYDEVICES-D61L4B Datasheet
701Kb / 6P
   32-Pin DIP 4 - Pole Filters
424L4B-1 FREQUENCYDEVICES-424L4B-1 Datasheet
840Kb / 12P
   32-Pin DIP 4-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com