Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IAM-01-75 Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # IAM-01-75
Description  BROADBAND ACTIVE ISOLATORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

IAM-01-75 Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  IAM-01-75 Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical Performance of Model IAM-01-200
Package Outline
General Notes:
1. Merrimac’s IAM series consists of broadband, nontuned, nonreciprocal
networks realized in solid state devices. They are intended for applications from
HF through UHF and are ideally suited for isolating signal sources from
mismatched or ‘‘swinging’’ loads.
2. Versions to cover specific frequencies with higher isolation or tighter tolerances
are available as options.
GENERAL SPECIFICATIONS
Reverse Isolation:
10 - 100 MHz
40 dB min.
100 - 300 MHz
30 dB min.
300 - 500 MHz
23 dB min.
Impedance:
50
Ω nom.
VSWR:
Input
1.65:1 max.
Output
1.50:1 max.
Insertion Loss/Gain :
0
± 1 dB (mid-band)
Flatness:
± 1 dB
Power Input, 1 dB Comp: +15 dBm min.
Input Intercept Points:
3rd Order:
+26 dBm typ.
2nd Order:
+30 dBm typ.
DC Supply Connections:
Terminal:
Solder Pin
Ground:
Solder Lug
Weight, nominal:
3 oz. (86 g)
Operating Temp:
-- 55° to +71°C
IAM-01 Series
BROADBAND ACTIVE ISOLATORS
10 to 500 MHz / Meets MIL-E-5400R Class 2 Environmental Requirements / SMA Connectors
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
PRINCIPAL SPECIFICATIONS
Model
Frequency
DC Supply
Number
Limits, MHz
Power, Nom.
IAM-01-75
10 - 150
+28V @ 75 mA
IAM-01-200
10 - 400
+28V @ 75 mA
IAM-01-250
10 - 500
+15V @ 75 mA
NOTES:
1. Tolerance on 3 place decimals
± .020(.51) except as noted.
2. Dimensions in inches over millimeters.
13Mar96


Similar Part No. - IAM-01-75

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
IAM-20680 TDK-IAM-20680 Datasheet
795Kb / 52P
   High Performance Automotive 6-Axis MotionTracking Device
logo
Agilent(Hewlett-Packard...
IAM-81008 HP-IAM-81008 Datasheet
58Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
IAM-81008-TR1 HP-IAM-81008-TR1 Datasheet
58Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
IAM-81008-TR1 HP-IAM-81008-TR1 Datasheet
58Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
IAM-81028 HP-IAM-81028 Datasheet
57Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
More results

Similar Description - IAM-01-75

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-009811 MA-COM-MAAM-009811 Datasheet
268Kb / 5P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-008818 MA-COM-MAAM-008818_17 Datasheet
870Kb / 7P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-007805 MA-COM-MAAM-007805_15 Datasheet
933Kb / 6P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-009452 MA-COM-MAAM-009452_15 Datasheet
855Kb / 7P
   Broadband CATV Single Ended 4-Way Active Splitter
MAAM-008821 MA-COM-MAAM-008821_15 Datasheet
927Kb / 7P
   Broadband CATV Single Ended 5-Way Active Splitter
MAAM-008819 MA-COM-MAAM-008819 Datasheet
212Kb / 6P
   Broadband CATV Single Ended 3-Way Active Splitter
MAAM-009452 MA-COM-MAAM-009452 Datasheet
251Kb / 6P
   Broadband CATV Single Ended 4-Way Active Splitter
MAAM-009452 MA-COM-MAAM-009452 Datasheet
251Kb / 6P
   Broadband CATV Single Ended 4-Way Active Splitter
MAAM-007805 MA-COM-MAAM-007805_17 Datasheet
933Kb / 6P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-008822 MA-COM-MAAM-008822 Datasheet
264Kb / 7P
   Broadband CATV Single Ended 3-Way Active Splitter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com