Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D66H6B Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # D66H6B
Description  32 Pin DIP 6-Pole Filters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D66H6B Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  D66H6B Datasheet HTML 1Page - Frequency Devices, Inc. D66H6B Datasheet HTML 2Page - Frequency Devices, Inc. D66H6B Datasheet HTML 3Page - Frequency Devices, Inc. D66H6B Datasheet HTML 4Page - Frequency Devices, Inc. D66H6B Datasheet HTML 5Page - Frequency Devices, Inc. D66H6B Datasheet HTML 6Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Fixed Frequency
D66 & DP66 Series
6-Pole
Low-Pass and High-Pass Filters
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
2
1. Unit to unit match for the same transfer function, set to the same frequency and operating configuration, and from the same manufacturing lot.
Model
D66L6B & DP66L6B
D66L6L & DP66L6L
Model
D66H6B
Product Specifications
Low-Pass
Low-Pass
High-pass
Transfer Function
6-Pole, Butterworth
6-Pole, Bessel
Transfer Function
6-Pole, Butterworth
Size
1.8” x 0.8” x 0.3”
1.8” x 0.8” x 0.3”
Size
1.8” x 0.8” x 0.3”
Range fc
Range fc
D66
1 Hz to 100 kHz
1 Hz to 100 kHz
D66
1 Hz to 100 kHz
DP66
1 Hz to 5 kHz
1 Hz to 5 kHz
DP66
Not Available
Theoretical Transfer
Appendix A
Appendix A
Theoretical Transfer
Appendix A
Characteristics
Page 8
Page 3
Characteristics
Page 28
Passband Ripple
0.0 dB
0.0 dB
Passband Ripple
0.0 dB
(theoretical)
(theoretical)
DC Voltage Gain
0 ± 0.1 dB max.
0 ± 0.1 dB max.
Voltage Gain
0 ± 0.1 dB to 100 kHz
(non-inverting)
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
(non-inverting)
0 ± 0.05 dB to 120 kHz
Stopband
Stopband
Attenuation Rate
36 dB/octave
36 dB/octave
Attenuation Rate
36 dB min.
Power Bandwidth
(-6dB) 1 MHz
Power Bandwidth
120 kHz
Cutoff Frequency
fc
± 1% max.
fc
± 1% max.
Cutoff Frequency
fc
± 1% max.
Stability
± 0.01% /°C
± 0.01% /°C
Stability
± 0.01% /°C
Amplitude
-3dB
-3dB
Amplitude
-3dB
Phase
-270°
-155°
Phase
-270°
Filter Attenuation
0.29 dB
0.80 fc
1.89 dB
0.80 fc
Filter Attenuation
80.0 dB
.21 fc
(theoretical)
3.01 dB
1.00 fc
3.01 dB
1.00 fc
(theoretical)
60.0 dB
.32 fc
60.0 dB
3.16 fc
60.0 dB
5.41 fc
3.01 dB
1.00 fc
80.0 dB
4.64 fc
80.0 dB
7.99 fc
0.00 dB
2.5 fc
Phase Match1
0 - 0.8 fc
± 2° max.
0 - fc
± 2° max.
Phase Match1
fc - 100 kHz
± 3° max.
± 1° typ.
± 1° typ.
± 1.5° typ.
0.8 fc - 1.0 fc
± 3° max.
± 1.5° typ.
Amplitude Accuracy
0 - 0.8 fc
± 0.2 dB max.
0 - fc
± 0.2 dB max.
Amplitude Accuracy
1.0 - 1.25 fc
± 0.3 dB max.
(theoretical)
± 0.1 dB typ.
± 0.1 dB typ.
(theoretical)
± 0.15 dB typ.
0.8 fc - 1.0 fc± 0.3° dB max.
1.25fc-100kHz ± 0.2 dB max.
± 0.15° dB typ.
± 0.1 dB typ.
Total Harmonic
Total Harmonic
Distortion @ 1 kHz
Distortion @ 1 kHz
D66
<-100 dB typ.
<-100 dB typ.
D66
<-88 dB typ.
DP66
<-80 dB typ.
<-80 dB typ.
Wide Band Noise
200
mVrms typ.
200
mVrms typ.
Wide Band Noise
400
mVrms typ.
(5 Hz - 2 MHz)
(5 Hz - 2 MHz)
Narrow Band Noise
50
mVrms typ.
50
mVrms typ.
Narrow Band Noise
100
mVrms typ.
(20 Hz - 100 kHz)
(20 Hz - 100 kHz)
Filter Mounting
Filter Mounting
Assembly
FMA-01A
FMA-01A
Assembly
FMA-01A


Similar Part No. - D66H6B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D66H6B-250KHZ ETC1-D66H6B-250KHZ Datasheet
894Kb / 6P
   32 Pin DIP 6-Pole Filters
D66H6B-33.3KHZ ETC1-D66H6B-33.3KHZ Datasheet
894Kb / 6P
   32 Pin DIP 6-Pole Filters
D66H6B-849HZ ETC1-D66H6B-849HZ Datasheet
894Kb / 6P
   32 Pin DIP 6-Pole Filters
More results

Similar Description - D66H6B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DP66 ETC1-DP66 Datasheet
894Kb / 6P
   32 Pin DIP 6-Pole Filters
DP76 ETC1-DP76 Datasheet
650Kb / 6P
   32 Pin DIP 6-Pole Filters
logo
Frequency Devices, Inc.
D76L6B FREQUENCYDEVICES-D76L6B Datasheet
877Kb / 6P
   32 Pin DIP 6-Pole Filters
D01L8B FREQUENCYDEVICES-D01L8B Datasheet
555Kb / 10P
   32-Pin DIP 8-, 6-, 4-Pole Filters
D68L8B FREQUENCYDEVICES-D68L8B Datasheet
471Kb / 17P
   32 Pin DIP 8-Pole Filters
D64L4B FREQUENCYDEVICES-D64L4B Datasheet
533Kb / 11P
   32-Pin DIP 4 - Pole Filters
logo
List of Unclassifed Man...
428L4B ETC1-428L4B Datasheet
1,009Kb / 18P
   32-Pin DIP 8-Pole Filters
logo
Frequency Devices, Inc.
D61L4B FREQUENCYDEVICES-D61L4B Datasheet
701Kb / 6P
   32-Pin DIP 4 - Pole Filters
424L4B-1 FREQUENCYDEVICES-424L4B-1 Datasheet
840Kb / 12P
   32-Pin DIP 4-Pole Filters
428L4B-1 FREQUENCYDEVICES-428L4B-1 Datasheet
980Kb / 18P
   32-Pin DIP 8-Pole Filters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com