Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D68BR4 Datasheet(PDF) 6 Page - Frequency Devices, Inc.

Part # D68BR4
Description  Fixed Frequency 4-Pole Pair Filters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D68BR4 Datasheet(HTML) 6 Page - Frequency Devices, Inc.

  D68BR4 Datasheet HTML 1Page - Frequency Devices, Inc. D68BR4 Datasheet HTML 2Page - Frequency Devices, Inc. D68BR4 Datasheet HTML 3Page - Frequency Devices, Inc. D68BR4 Datasheet HTML 4Page - Frequency Devices, Inc. D68BR4 Datasheet HTML 5Page - Frequency Devices, Inc. D68BR4 Datasheet HTML 6Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Band-Reject
4-Pole Pair
Appendix A
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
Web Address: http://www.freqdev.com
Q = 3
Q = 10
Amp
(dB)
-0.10 0.799 1.251
0.935 1.069
-0.25 0.809 1.236
0.938 1.066
-0.50 0.818 1.223
0.941 1.062
-1.00 0.828 1.208
0.945 1.059
-1.50 0.835 1.198
0.947 1.056
-2.00 0.839 1.191
0.949 1.054
-2.50 0.844 1.185
0.95
1.053
-3.00 0.847 1.180
0.951 1.051
-5.00 0.858 1.165
0.955 1.047
-10.00 0.877 1.140
0.961 1.040
-15.00 0.892 1.121
0.966 1.035
-20.00 0.905 1.105
0.97
1.030
-25.00 0.916 1.092
0.974 1.027
-30.00 0.925 1.081
0.977 1.024
-35.00 0.933 1.072
0.979 1.021
-40.00 0.939 1.065
0.982 1.019
-45.00 0.945 1.059
0.983 1.017
-50.00 0.949 1.054
0.984 1.016
-55.00 0.952 1.050
0.985 1.015
-60.00 0.954 1.048
0.986 1.014
1
-70
-60
-50
-40
-30
-20
-10
0
1.1
1.2
.9
.8
Q3
Q10
0.1
1.0
10.0
2
3
4 5 6 7 8
2
3 4 5 6 7 8
Normalized Theoretical Phase Data
Q = 3
Q = 10
(-)
(+)
(-)
(+)
Phase
Mag
(deg)
f/fo
f/fo
f/fo
f/fo
1.0
0.020 49.66
0.067 14.88
2.5
0.050 19.91
0.164 6.087
5.0
0.100 10.03
0.306 3.268
10.0 0.194 5.160
0.504 1.985
15.0 0.279 3.590
0.621 1.609
20.0 0.352 2.838
0.696 1.437
25.0 0.416 2.405
0.746 1.340
30.0 0.470 2.129
0.783 1.278
35.0 0.515 1.940
0.810 1.235
40.0 0.555 1.803
0.831 1.204
45.0 0.588 1.700
0.848 1.180
50.0 0.617 1.620
0.861 1.161
60.0 0.664 1.505
0.882 1.133
70.0 0.701 1.427
0.897 1.115
80.0 0.729 1.372
0.909 1.101
90.0 0.752 1.330
0.917 1.090
120.0 0.797 1.255
0.934 1.071
150.0 0.824 1.214
0.943 1.060
180.0 0.844 1.185
0.950 1.052
210.0 0.862 1.160
0.957 1.045
Normalized Frequency (f/fo)
Normalized Frequency (f/fo)
-360
-270
-180
-90
0
90
180
270
360
Phase Response Curves
Amplitude Response Curves
Normalized Theoretical Amplitude Data
Q3
Q10
fL<fO<fH
fL<fO<fH
f /fO
f /fO
f /fO
f /fO
43


Similar Part No. - D68BR4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D68 ETC1-D68 Datasheet
478Kb / 17P
   32 Pin DIP 8-Pole Filters
logo
Digital Core Design
D68000 DCD-D68000 Datasheet
137Kb / 4P
   16/32-bit Microprocessor
logo
Vishay Siliconix
D68025U2JH6 VISHAY-D68025U2JH6 Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
D68025U2JH6 VISHAY-D68025U2JH6 Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
D680G25C0GH6.J5R VISHAY-D680G25C0GH6.J5R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
More results

Similar Description - D68BR4

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D64BP FREQUENCYDEVICES-D64BP Datasheet
300Kb / 5P
   Fixed Frequency 2-Pole Pair Filters
828BP FREQUENCYDEVICES-828BP Datasheet
479Kb / 8P
   8 Bit Programmable 4-Pole Pair Filters
logo
List of Unclassifed Man...
828BP ETC1-828BP Datasheet
527Kb / 8P
   8 Bit Programmable 4-Pole Pair Filters
5BAF ETC1-5BAF Datasheet
513Kb / 5P
   Differential Fixed Frequency Filters
logo
Frequency Devices, Inc.
5BAF-LPBE4 FREQUENCYDEVICES-5BAF-LPBE4 Datasheet
539Kb / 5P
   Differential Fixed Frequency Filters
D61 FREQUENCYDEVICES-D61 Datasheet
706Kb / 6P
   4-Pole Filters
D100B FREQUENCYDEVICES-D100B Datasheet
248Kb / 5P
   2 - Pole Pair Band - Pass Filters
PGAB5 FREQUENCYDEVICES-PGAB5 Datasheet
678Kb / 8P
   Fixed Frequency Filters with Programmable Amplifiers
824BP FREQUENCYDEVICES-824BP Datasheet
444Kb / 7P
   8 Bit Programmable 2-Pole Pair Filters
logo
List of Unclassifed Man...
824BP2 ETC1-824BP2 Datasheet
446Kb / 7P
   8 Bit Programmable 2-Pole Pair Filters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com