Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4049UB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD4049UB
Description  CMOS HEX BUFFERS/CONVERTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4049UB Datasheet(HTML) 5 Page - Texas Instruments

  CD4049UB Datasheet HTML 1Page - Texas Instruments CD4049UB Datasheet HTML 2Page - Texas Instruments CD4049UB Datasheet HTML 3Page - Texas Instruments CD4049UB Datasheet HTML 4Page - Texas Instruments CD4049UB Datasheet HTML 5Page - Texas Instruments CD4049UB Datasheet HTML 6Page - Texas Instruments CD4049UB Datasheet HTML 7Page - Texas Instruments CD4049UB Datasheet HTML 8Page - Texas Instruments CD4049UB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
Input Capacitance, CIN
CD4049UB
-
-
15
22.5
pF
Input Capacitance, CIN
CD4050B
-
-
5
7.5
pF
AC Electrical Specifications
TA = 25
oC, Input t
r, tf = 20ns, CL = 50pF, RL = 200kΩ (Continued)
PARAMETER
TEST CONDITIONS
LIMITS (ALL PACKAGES)
UNITS
VIN
VCC
TYP
MAX
Typical Performance Curves
FIGURE 2. MINIMUM AND MAXIMUM VOLTAGE TRANSFER
CHARACTERISTICS FOR CD4049UB
FIGURE 3. MINIMUM AND MAXIMUM VOLTAGE TRANSFER
CHARACTERISTICS FOR CD4050B
FIGURE 4. TYPICAL OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 5. MINIMUM OUTPUT LOW (SINK) CURRENT DRAIN
CHARACTERISTICS
5
4
3
2
1
01234
VI, INPUT VOLTAGE (V)
TA = 25
oC
SUPPLY VOLTAGE (VCC) = 5V
MAXIMUM
MINIMUM
5
4
3
2
1
01
2
3
4
VI, INPUT VOLTAGE (V)
TA = 25
oC
SUPPLY VOLTAGE (VCC) = 5V
MAXIMUM
MINIMUM
50
40
30
20
10
0
1234
VDS, DRAIN TO SOURCE VOLTAGE (V)
TA = 25
oC
GATE TO SOURCE VOLTAGE (VGS) = 5V
10V
15V
60
70
5678
50
40
30
20
10
0
1234
VDS, DRAIN TO SOURCE VOLTAGE (V)
TA = 25
oC
GATE TO SOURCE VOLTAGE (VGS) = 5V
10V
15V
60
70
5678
CD4049UB, CD4050B


Similar Part No. - CD4049UB

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CD4049UB HARRIS-CD4049UB Datasheet
75Kb / 10P
   CMOS Hex Buffer/Converters
logo
Texas Instruments
CD4049UB TI-CD4049UB Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
CD4049UB TI1-CD4049UB Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Hex Buffer/Converters
logo
Silicon Supplies
CD4049UB SS-CD4049UB Datasheet
573Kb / 5P
   CMOS High Voltage Logic
logo
Texas Instruments
CD4049UB-MIL TI1-CD4049UB-MIL Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Hex Buffer/Converters
More results

Similar Description - CD4049UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4009UBPWRE4 TI-CD4009UBPWRE4 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4009UB TI-CD4009UB Datasheet
304Kb / 12P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4010BM96G4 TI-CD4010BM96G4 Datasheet
1Mb / 18P
[Old version datasheet]   CMOs Hex Buffers/Converters
CD4009UB TI1-CD4009UB_15 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Buffers/Converters
logo
Intersil Corporation
CD4009UBMS INTERSIL-CD4009UBMS Datasheet
74Kb / 8P
   CMOS Hex Buffers/Converter
November 1994
logo
Motorola, Inc
MC74HC4049D MOTOROLA-MC74HC4049D Datasheet
181Kb / 6P
   Hex Buffers/Logic-Level Down Converters
logo
Texas Instruments
JM3851005554BEA TI-JM3851005554BEA Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
logo
Unisonic Technologies
UCD4049B UTC-UCD4049B Datasheet
210Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
logo
Texas Instruments
CD4049UBDE4 TI1-CD4049UBDE4 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer/Converters
logo
Harris Corporation
CD4049UB HARRIS-CD4049UB Datasheet
75Kb / 10P
   CMOS Hex Buffer/Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com