Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D70H4B Datasheet(PDF) 6 Page - Frequency Devices, Inc.

Part # D70H4B
Description  DIP Filters 8-, 6-, 4-Pole Filters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D70H4B Datasheet(HTML) 6 Page - Frequency Devices, Inc.

Back Button D70H4B Datasheet HTML 2Page - Frequency Devices, Inc. D70H4B Datasheet HTML 3Page - Frequency Devices, Inc. D70H4B Datasheet HTML 4Page - Frequency Devices, Inc. D70H4B Datasheet HTML 5Page - Frequency Devices, Inc. D70H4B Datasheet HTML 6Page - Frequency Devices, Inc. D70H4B Datasheet HTML 7Page - Frequency Devices, Inc. D70H4B Datasheet HTML 8Page - Frequency Devices, Inc. D70H4B Datasheet HTML 9Page - Frequency Devices, Inc. D70H4B Datasheet HTML 10Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Low-Pass
4-Pole
Appendix A
Bessel
2
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com Web Address: http://www.freqdev.com
Normalized Frequency(f/fc)
Normalized Time (1/f sec)
Normalized Time (1/f sec)
Frequency Response
Delay
(Normalized)
Step Response
0.1
1.0
10.0
2
3 4 5 6 78
2
3 4 5 6 7
-100
-80
-60
-40
-20
0
0.1
1.0
2
3
4
5 6 7 8 9
0.0
0.5
1.0
1.5
0.15
0
1
2
3
4
5
-0.0
-0.2
0.2
0.4
0.6
0.8
1.0
1.2
(sec)
Theoretical Transfer Characteristics
1
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.85
0.90
0.95
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
1.90
2.00
2.25
2.50
2.75
3.00
3.25
3.50
4.00
5.00
6.00
7.00
8.00
9.00
10.0
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay
0.00
-12.1
-24.2
-36.3
-48.4
-60.6
-48.1
-53.4
-58.0
-62.0
-65.7
-25.1
-27.6
-30.0
-34.4
-41.9
-12.2
-13.4
-16.5
-19.5
-22.4
-6.37
-7.42
-8.54
-9.71
-10.9
-2.69
-3.01
-3.71
-4.51
-5.39
-1.02
-1.41
-1.86
-2.11
-2.40
0.00
-0.028
-0.111
-0.251
-0.448
-0.705
-315
-321
-326
-330
-333
-267
-275
-281
-291
-305
-212
-219
-235
-248
-259
-166
-177
-187
-195
-204
-115
-121
-133
-144
-156
-72.7
-84.8
-96.8
-103
-109
.021
.016
.012
.009
.008
.089
.076
.065
.049
.031
.211
.194
.158
.129
.107
.295
.280
.263
.246
.228
.332
.330
.325
.318
.308
.336
.336
.335
.334
.333
.336
.336
.336
.336
.336
.336


Similar Part No. - D70H4B

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D70H4B FREQUENCYDEVICES-D70H4B Datasheet
677Kb / 14P
   100 Hz to 50 kHz Fixed Frequency
D70H4B-2.50KHZ FREQUENCYDEVICES-D70H4B-2.50KHZ Datasheet
677Kb / 14P
   100 Hz to 50 kHz Fixed Frequency
D70H4B-33.3KHZ FREQUENCYDEVICES-D70H4B-33.3KHZ Datasheet
677Kb / 14P
   100 Hz to 50 kHz Fixed Frequency
D70H4B-849HZ FREQUENCYDEVICES-D70H4B-849HZ Datasheet
677Kb / 14P
   100 Hz to 50 kHz Fixed Frequency
More results

Similar Description - D70H4B

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D01L8B FREQUENCYDEVICES-D01L8B Datasheet
555Kb / 10P
   32-Pin DIP 8-, 6-, 4-Pole Filters
logo
List of Unclassifed Man...
DP66 ETC1-DP66 Datasheet
894Kb / 6P
   32 Pin DIP 6-Pole Filters
logo
Frequency Devices, Inc.
D66L6B FREQUENCYDEVICES-D66L6B Datasheet
581Kb / 6P
   32 Pin DIP 6-Pole Filters
logo
List of Unclassifed Man...
DP76 ETC1-DP76 Datasheet
650Kb / 6P
   32 Pin DIP 6-Pole Filters
logo
Frequency Devices, Inc.
D76L6B FREQUENCYDEVICES-D76L6B Datasheet
877Kb / 6P
   32 Pin DIP 6-Pole Filters
logo
List of Unclassifed Man...
428L4B ETC1-428L4B Datasheet
1,009Kb / 18P
   32-Pin DIP 8-Pole Filters
logo
Frequency Devices, Inc.
D68L8B FREQUENCYDEVICES-D68L8B Datasheet
471Kb / 17P
   32 Pin DIP 8-Pole Filters
428L4B-1 FREQUENCYDEVICES-428L4B-1 Datasheet
980Kb / 18P
   32-Pin DIP 8-Pole Filters
logo
List of Unclassifed Man...
DP68 ETC1-DP68 Datasheet
478Kb / 17P
   32 Pin DIP 8-Pole Filters
DP78 ETC1-DP78 Datasheet
564Kb / 6P
   32 Pin DIP 8-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com