Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D824L8Y5-2 Datasheet(PDF) 4 Page - Frequency Devices, Inc.

Part # D824L8Y5-2
Description  2" x 2" Differential Input 4-Pole Filters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D824L8Y5-2 Datasheet(HTML) 4 Page - Frequency Devices, Inc.

  D824L8Y5-2 Datasheet HTML 1Page - Frequency Devices, Inc. D824L8Y5-2 Datasheet HTML 2Page - Frequency Devices, Inc. D824L8Y5-2 Datasheet HTML 3Page - Frequency Devices, Inc. D824L8Y5-2 Datasheet HTML 4Page - Frequency Devices, Inc. D824L8Y5-2 Datasheet HTML 5Page - Frequency Devices, Inc. D824L8Y5-2 Datasheet HTML 6Page - Frequency Devices, Inc. D824L8Y5-2 Datasheet HTML 7Page - Frequency Devices, Inc. D824L8Y5-2 Datasheet HTML 8Page - Frequency Devices, Inc. D824L8Y5-2 Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
8-Bit Programmable
D824 Series
4-Pole
High-Pass Filters
4
1. Unit to unit match for the same transfer function, set to the same frequency and operating configuration, and from the same manufacturing lot.
Model
D824H8B
D824H8Y2
D824H8Y5
Product Specifications
Transfer Function
4-Pole,
4-Pole,Chebychev,
4-Pole, Chebychev,
Butterworth
0.2 dB Ripple
0.5 dB Ripple
Size, Model 2
2.0” x 2.0” x 0.5”
2.0” x 2.0” x 0.5”
2.0” x 2.0” x 0.5”
Model 3 thru 6
2.0” x 2.0” x 0.4”
2.0” x 2.0” x 0.4”
2.0” x 2.0” x 0.4”
Range fc
1.0 Hz to 102.4 kHz
1.0 Hz to 102.4 kHz
1.0 Hz to 102.4 kHz
Theoretical Transfer
Appendix A
Appendix A
Appendix A
Characteristics
Page 27
Page 31
Page 33
Passband Ripple
0.0 dB
0.20 dB
0.50 dB
(theoretical)
Voltage Gain
0 ± 0.2 dB to 100 kHz
0 ± 0.2 dB to 100 kHz
0 ± 0.2 dB to 100 kHz
(non-inverting)
0 ± 0.5 dB to 120 kHz
0 ± 0.5 dB to 120 kHz
0 ± 0.5 dB to 120 kHz
Power Bandwidth
120 kHz
120 kHz
120 kHz
Small Signal Bandwidth
(-6 dB) 1 MHz
(-6 dB) 1 MHz
(-6 dB) 1 MHz
Stopband
Attenuation Rate
24 dB/octave
24 dB/octave
24 dB/octave
Cutoff Frequency
fc
± 2% max.
fc
± 2% max.
fc
± 2% max.
Stability
± 0.01% /°C
± 0.01% /°C
± 0.01% /°C
Amplitude
-3 dB
-3 dB
-3 dB
Phase
-180°
-231°
-245°
Filter Attenuation
40 dB
0.31 fc
40.0 dB
0.41 fc
40.0 dB
0.43 fc
(theoretical)
30 dB
0.42 fc
30.0 dB
0.53 fc
30.0 dB
0.56 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
0.02 dB
2.00 fc
-0.07 dB
2.00 fc
-0.25 dB
2.00 fc
Phase Match1
fc - 100 kHz ± 3° max.
fc - 100 kHz ± 3° max.
fc - 100 kHz ± 3° max.
± 1.5° typ.
± 1.5° typ.
± 1.5° typ.
Amplitude Accuracy
1.0 - 1.25 fc
± 0.3 dB max.
1.00 - 1.25 fc ± 0.3 dB max.
1.00 - 1.25 fc ± 0.3 dB max.
(theoretical)
± 0.15 dB typ.
± 0.15 dB typ.
± 0.15 dB typ.
1.25 fc-100 kHz ± 0.2 dB max.
1.25 fc-100 kHz ± 0.2 dB max.
1.25 fc-100 kHz± 0.2 dB max.
± 0.1 dB typ.
± 0.1 dB typ.
± 0.1 dB typ.
Total Harmonic
< - 100 dB typ.
< - 88 dB typ.
< - 88 dB typ.
Distortion @ 1 kHz
Wide Band Noise
400
mVrms typ.
400
mVrms typ.
400
mVrms typ.
Narrow Band Noise
100
mVrms typ.
100
mVrms typ.
100
mVrms typ.
(5 Hz - 100 kHz)


Similar Part No. - D824L8Y5-2

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D824L8Y5-2 FREQUENCYDEVICES-D824L8Y5-2 Datasheet
544Kb / 13P
   Differential Input 4-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com