Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D828H8D80-2 Datasheet(PDF) 9 Page - Frequency Devices, Inc.

Part # D828H8D80-2
Description  2" x 2" Differential Input 8-Pole Filters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D828H8D80-2 Datasheet(HTML) 9 Page - Frequency Devices, Inc.

Back Button D828H8D80-2 Datasheet HTML 5Page - Frequency Devices, Inc. D828H8D80-2 Datasheet HTML 6Page - Frequency Devices, Inc. D828H8D80-2 Datasheet HTML 7Page - Frequency Devices, Inc. D828H8D80-2 Datasheet HTML 8Page - Frequency Devices, Inc. D828H8D80-2 Datasheet HTML 9Page - Frequency Devices, Inc. D828H8D80-2 Datasheet HTML 10Page - Frequency Devices, Inc. D828H8D80-2 Datasheet HTML 11Page - Frequency Devices, Inc. D828H8D80-2 Datasheet HTML 12Page - Frequency Devices, Inc. D828H8D80-2 Datasheet HTML 13Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
8-Pole, 6-Zero
Constant Delay
Appendix A
Low-Pass (60 dB)
9
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
Web Address: http://www.freqdev.com
Normalized Frequency(f/fc)
Normalized Time (1/f sec)
Normalized Time (1/f sec)
Frequency Response
Delay
(Normalized)
Step Response
0.1
1.0
10.0
2
3 4 5 6 78
2
3 4 5 6 7
-100
-80
-60
-40
-20
0
0
1
2
3
4
5
-0.0
0.2
0.4
0.6
0.8
1.0
1.2
-0.2
0.1
1.0
2
3
4 5 6 7 8 9
0.0
0.5
1.0
1.5
0.15
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
1.40
1.60
1.80
2.00
2.25
0.90
0.95
1.00
1.10
1.20
0.50
0.60
0.70
0.80
0.85
0.00
0.10
0.20
0.30
0.40
(sec)
Theoretical Transfer Characteristics
1
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay
6.50
7.00
8.00
9.00
10.0
5.00
5.25
5.50
5.75
6.00
3.75
4.00
4.25
4.50
4.75
2.50
2.75
3.00
3.25
3.50
-63.3
-63.7
-64.7
-66.0
-67.3
-64.6
-63.9
-63.5
-63.3
-63.2
-74.7
-85.0
-72.0
-67.9
-65.8
-50.5
-78.0
-63.7
-63.5
-66.9
-10.3
-15.9
-22.4
-29.4
-39.0
-2.02
-2.48
-3.01
-4.29
-5.91
-0.161
-0.384
-0.745
-1.28
-1.62
0.00
0.005
0.012
0.005
-0.042
-295
-299
-307
-313
-318
-275
-279
-283
-286
-289
-425
-253
-259
-265
-270
-544
-561
-395
-407
-417
-386
-431
-467
-495
-523
-252
-265
-279
-307
-334
-140
-168
-196
-224
-238
0.00
-28.0
-55.9
-83.9
-112
.028
.024
.019
.015
.012
.048
.044
.040
.036
.033
.088
.077
.068
.060
.054
.212
.171
.142
.119
.102
.675
.558
.443
.351
.268
.776
.775
.773
.766
.749
.776
.776
.776
.776
.776
.776
.776
.776
.776
.776


Similar Part No. - D828H8D80-2

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
D8284N INTEL-D8284N Datasheet
458Kb / 10P
   Clock Generator and Driver for 8066, 8088 Processors
D8284N-1 INTEL-D8284N-1 Datasheet
458Kb / 10P
   Clock Generator and Driver for 8066, 8088 Processors
D8284N-1B INTEL-D8284N-1B Datasheet
458Kb / 10P
   Clock Generator and Driver for 8066, 8088 Processors
D8284NB INTEL-D8284NB Datasheet
458Kb / 10P
   Clock Generator and Driver for 8066, 8088 Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com