Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4068BM Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CD4068BM
Description  CMOS 8-INPUT NAND AND GATE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4068BM Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD4068BM Datasheet HTML 2Page - Texas Instruments CD4068BM Datasheet HTML 3Page - Texas Instruments CD4068BM Datasheet HTML 4Page - Texas Instruments CD4068BM Datasheet HTML 5Page - Texas Instruments CD4068BM Datasheet HTML 6Page - Texas Instruments CD4068BM Datasheet HTML 7Page - Texas Instruments CD4068BM Datasheet HTML 8Page - Texas Instruments CD4068BM Datasheet HTML 9Page - Texas Instruments CD4068BM Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - CD4068BM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4068BM TI1-CD4068BM Datasheet
1Mb / 15P
[Old version datasheet]   CMOS 8-Input NAND/AND Gate
CD4068BM96 TI1-CD4068BM96 Datasheet
1Mb / 15P
[Old version datasheet]   CMOS 8-Input NAND/AND Gate
logo
Intersil Corporation
CD4068BMS INTERSIL-CD4068BMS Datasheet
65Kb / 8P
   CMOS 8 Input NAND/AND Gate
December 1992
More results

Similar Description - CD4068BM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4068BMS INTERSIL-CD4068BMS Datasheet
65Kb / 8P
   CMOS 8 Input NAND/AND Gate
December 1992
logo
Texas Instruments
CD4068B TI1-CD4068B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CMOS 8-Input NAND/AND Gate
logo
STMicroelectronics
HCF4068B STMICROELECTRONICS-HCF4068B_01 Datasheet
159Kb / 8P
   8 INPUT NAND/AND GATE
HCC4068B STMICROELECTRONICS-HCC4068B Datasheet
264Kb / 10P
   8-INPUT NAND/AND GATE
logo
Motorola, Inc
MC74HC30 MOTOROLA-MC74HC30 Datasheet
146Kb / 5P
   8-Input NAND Gate High-Performance Silicon-Gate CMOS
logo
STMicroelectronics
M54HCT30 STMICROELECTRONICS-M54HCT30 Datasheet
233Kb / 9P
   8 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74AS30 FAIRCHILD-DM74AS30 Datasheet
45Kb / 4P
   8 Input NAND Gate
logo
Hitachi Semiconductor
HD74HC30 HITACHI-HD74HC30 Datasheet
45Kb / 8P
   8-input NAND Gate
logo
National Semiconductor ...
54LS30 NSC-54LS30 Datasheet
120Kb / 6P
   8-Input NAND Gate
logo
STMicroelectronics
M54HC30 STMICROELECTRONICS-M54HC30 Datasheet
234Kb / 9P
   8 INPUT NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com