Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L293NE Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # L293NE
Description  QUADRUPLE HALF-H DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

L293NE Datasheet(HTML) 11 Page - Texas Instruments

Back Button L293NE Datasheet HTML 7Page - Texas Instruments L293NE Datasheet HTML 8Page - Texas Instruments L293NE Datasheet HTML 9Page - Texas Instruments L293NE Datasheet HTML 10Page - Texas Instruments L293NE Datasheet HTML 11Page - Texas Instruments L293NE Datasheet HTML 12Page - Texas Instruments L293NE Datasheet HTML 13Page - Texas Instruments L293NE Datasheet HTML 14Page - Texas Instruments L293NE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
L293, L293D
QUADRUPLE HALFH DRIVERS
SLRS008C − SEPTEMBER 1986 − REVISED NOVEMBER 2004
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
Copper Area 35-
µm Thickness
Printed Circuit Board
Figure 7. Example of Printed Circuit Board Copper Area
(used as heat sink)
11.9 mm
17.0 mm
38.0 mm
Figure 8. External Heat Sink Mounting Example
(
θJA = 25°C/W)


Similar Part No. - L293NE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
L293NE TI-L293NE Datasheet
495Kb / 18P
[Old version datasheet]   QUADRUPLE HALF-H DRIVERS
L293NE TI1-L293NE Datasheet
501Kb / 21P
[Old version datasheet]   Quadruple Half-H Drivers
L293NEE4 TI1-L293NEE4 Datasheet
501Kb / 21P
[Old version datasheet]   Quadruple Half-H Drivers
More results

Similar Description - L293NE

ManufacturerPart #DatasheetDescription
logo
Sensitron
SCP-3337 SENSITRON-SCP-3337 Datasheet
51Kb / 3P
   QUADRUPLE HALF-H DRIVER
logo
Texas Instruments
SN754410 TI-SN754410 Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
SN754410 TI-SN754410_06 Datasheet
166Kb / 9P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
TIL293D TI-TIL293D Datasheet
93Kb / 5P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
L293N TI-L293N Datasheet
495Kb / 18P
[Old version datasheet]   QUADRUPLE HALF-H DRIVERS
L293D TI1-L293D_16 Datasheet
501Kb / 21P
[Old version datasheet]   Quadruple Half-H Drivers
DRV8313EVM TI1-DRV8313EVM Datasheet
871Kb / 18P
[Old version datasheet]   DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
logo
Infineon Technologies A...
TLE7181EM INFINEON-TLE7181EM Datasheet
642Kb / 29P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
TLE7182EM INFINEON-TLE7182EM Datasheet
604Kb / 28P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
logo
Monolithic Power System...
EV6514-G-00A MPS-EV6514-G-00A Datasheet
322Kb / 5P
   0.6A, 14V Half H-bridge Motor Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com