Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L293NE Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # L293NE
Description  QUADRUPLE HALF-H DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

L293NE Datasheet(HTML) 3 Page - Texas Instruments

  L293NE Datasheet HTML 1Page - Texas Instruments L293NE Datasheet HTML 2Page - Texas Instruments L293NE Datasheet HTML 3Page - Texas Instruments L293NE Datasheet HTML 4Page - Texas Instruments L293NE Datasheet HTML 5Page - Texas Instruments L293NE Datasheet HTML 6Page - Texas Instruments L293NE Datasheet HTML 7Page - Texas Instruments L293NE Datasheet HTML 8Page - Texas Instruments L293NE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
L293, L293D
QUADRUPLE HALFH DRIVERS
SLRS008C − SEPTEMBER 1986 − REVISED NOVEMBER 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram
2
1
7
10
9
15
3
6
11
14
1A
1,2EN
2A
3A
3,4EN
4A
1Y
2Y
3Y
4Y
schematics of inputs and outputs (L293)
Input
VCC2
Output
GND
TYPICAL OF ALL OUTPUTS
EQUIVALENT OF EACH INPUT
VCC1
Current
Source
GND


Similar Part No. - L293NE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
L293NE TI-L293NE Datasheet
495Kb / 18P
[Old version datasheet]   QUADRUPLE HALF-H DRIVERS
L293NE TI1-L293NE Datasheet
501Kb / 21P
[Old version datasheet]   Quadruple Half-H Drivers
L293NEE4 TI1-L293NEE4 Datasheet
501Kb / 21P
[Old version datasheet]   Quadruple Half-H Drivers
More results

Similar Description - L293NE

ManufacturerPart #DatasheetDescription
logo
Sensitron
SCP-3337 SENSITRON-SCP-3337 Datasheet
51Kb / 3P
   QUADRUPLE HALF-H DRIVER
logo
Texas Instruments
SN754410 TI-SN754410 Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
SN754410 TI-SN754410_06 Datasheet
166Kb / 9P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
TIL293D TI-TIL293D Datasheet
93Kb / 5P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
L293N TI-L293N Datasheet
495Kb / 18P
[Old version datasheet]   QUADRUPLE HALF-H DRIVERS
L293D TI1-L293D_16 Datasheet
501Kb / 21P
[Old version datasheet]   Quadruple Half-H Drivers
DRV8313EVM TI1-DRV8313EVM Datasheet
871Kb / 18P
[Old version datasheet]   DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
logo
Infineon Technologies A...
TLE7181EM INFINEON-TLE7181EM Datasheet
642Kb / 29P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
TLE7182EM INFINEON-TLE7182EM Datasheet
604Kb / 28P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
logo
Monolithic Power System...
EV6514-G-00A MPS-EV6514-G-00A Datasheet
322Kb / 5P
   0.6A, 14V Half H-bridge Motor Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com