Electronic Components Datasheet Search
Selected language     English  ▼


P-110 Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part No. P-110
Description  0 POWER DIVIDERS / COMBINERS
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MERRIMAC [Merrimac Industries, Inc.]
Homepage  http://www.merrimacind.com
Logo 

   
 1 page
background image
P-149 Package Outline (TO-8)
P-110 & PDT-20-50 Outline (TO-5)
Typical P-110 & P-149 Performance
P-110, P-149 &
PDT-20-50
0 POWER DIVIDERS / COMBINERS
1 to 500 MHz / 0.1 dB Balance Typical / 2-Way / Low Insertion Loss / High Isolation / TO-5 & TO-8
For further information contact
MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
PRINCIPAL SPECIFICATIONS
Freq.
Frequency
Isolation,
Insertion
Phase
Amplitude
VSWR
Internal
Model
Range, Performance,
dB,
Loss, dB,
Balance,
Balance, dB, (In/Output)
Load
Number
MHz
MHz
Min. Typ.
Max. Typ. Max. Typ. Max.
Typ. Max.
Typ.
Rating
PDT-20-50 1 - 100
1 - 100
30
33
0.5
0.25
0.2
0.1 1.3:1
1.10:1 50 mW
P-110
5 - 500
5 - 500
20
25
1.0
0.7
0.2
0.1 1.5:1
1.25:1 50 mW
20 - 200
25
32
0.6
0.3
0.2
0.1 1.3:1
1.10:1
P-149
5 - 500
5 - 500
20
25
1.0
0.7
0.2
0.1 1.5:1
1.25:1 125 mW
20 - 200
25
32
0.6
0.3
0.2
0.1 1.3:1
1.10:1
GENERAL SPECIFICATIONS
Impedance:
50
Ω nom.
CW Input Power:
1 W max.
(When used as divider with 1.2:1 VSWRout)
Weight, nominal:
TO-5:
0.1 oz. (2.8 g)
TO-8:
0.14 oz. (4 g)
Operating Temp. Range:
-- 55° to +85°C
NOTES:
1. Tolerance on 3 place decimals
±.010(.25)except as noted.
2. Dimensions in inches over millimeters
3. All unmarked pins are internally grounded..
16Feb96




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
P2222WAY - 4WAY - 8WAY POWER DIVIDERS & COMBINERS 1 Advanced Technical Materials Inc.
113APOWER DIVIDERS / COMBINERS 1 Merrimac Industries, Inc.
HJ-0.3K0/180 POWER DIVIDERS / COMBINERS 1 Merrimac Industries, Inc.
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
4E0265Power Dividers 1 2 3 Anaren Microwave
40287Power Dividers 1 2 3 Anaren Microwave
43000Power Dividers 1 2 3 Anaren Microwave
SDL-135POWER DIVIDERS : 3-WAY 1 2 SYNERGY MICROWAVE CORPORATION
4J0265Power Dividers 1 2 3 Anaren Microwave
40288Power Dividers 1 2 3 Anaren Microwave

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl