Selected language     English  ▼


P-111 Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part No. P-111
Description  0°/180°POWER DIVIDER / COMBINER
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MERRIMAC [Merrimac Industries, Inc.]
Homepage  http://www.merrimacind.com
Logo 

   
 1 page
background image
Package Outline
Typical Performance
GENERAL SPECIFICATIONS
Coupling:
-- 3 dB nom.
Impedance:
50
Ω nom.
CW Input:
1 Watt max.
Internal Dissipation:
35 mW max.
Weight, nominal:
0.1 oz (2.8 g)
Operating Temp:
-- 55° to +85°C
PRINCIPAL SPECIFICATIONS
Frequency
Performance
Isolation,
Insertion
Amplitude
Phase
Model
Range,
Bandwidth,
dB,
Loss, dB,
Balance,
Balance
VSWR
Number
MHz
MHz
Min.
Max.
dB, Max.
0°/180°
Max.
P-111
5 - 300
10 - 100
25
1.0
0.3
± 3°
1.35:1
5 - 300
20
1.5
0.5
± 5°
1.5:1
P-111
0
°/180°POWER DIVIDER / COMBINER
5 to 300 MHz / High Output Isolation / Low Insertion Loss / Lumped Element Circuit / TO-5 Package
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
NOTES:
1. Tolerance on 3 place decimals
±.010(.25) except as noted.
2. Dimensions in inches over millimeters.
General Notes:
1. The P-111 is a 0°/180° hybrid covering 5 to 300 MHz using a special high performance lumped element circuit. The P-111 has an internally terminated
H arm providing a three port, two-way, out-of-phase power divider. The compact TO-5 package is desirable in applications where space is critical.
2. These units comply with MIL-P-23971 and can be supplied screened for compliance with additional specifications for military and aerospace applications
requiring the highest reliability.
24May96




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HJZ-B-1000°/180°POWER DIVIDER / COMBINER 1 Merrimac Industries, Inc.
SP8400Very Low Phase Noise Synthesiser Divider 1 2 3 4 5 Zarlink Semiconductor Inc
NB6L239_062.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT /1/2/4/8 /2/4/8/16 Clock Divider 1 2 3 4 5 MoreON Semiconductor
SDL-42-WAY POWER DIVIDER SURFACE MOUNT MODEL 1 2 3 List of Unclassifed Manufacturers
DFPDIVFloating Point Pipelined Divider Unit 1 2 3 Digital Core Design
DSK-7M2B2-WAY POWER DIVIDER CONNECTORIZED MODEL 1 2 3 4 SYNERGY MICROWAVE CORPORATION
PD0922J5050D2Ultra Low Profile 0805 Power Divider 50Ω to 50Ω 1 2 3 4 5 MoreAnaren Microwave
300144_07High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % 50 ppm 1 2 3 4 5 Vishay Siliconix
HJM-4R-6.5G0°/180°POWER DIVIDERS/COMBINERS 1 2 Merrimac Industries, Inc.
SP8402Very Low Phase Noise Divider by 2N 1 2 3 4 5 MoreZarlink Semiconductor Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl