Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P-112 Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # P-112
Description  0 POWER DIVIDERS / COMBINERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

P-112 Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  P-112 Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Package Outline of P-112/P-152
Typical P-152 Performance
P-112 & P-152
0 POWER DIVIDERS / COMBINERS
1 to 400 MHz / 3-Way / Uniform Phase & Amplitude Bal. / Low Insertion Loss / Broadband / TO-5
For further information contact
MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
PRINCIPAL SPECIFICATIONS
Freq.
Frequency
Isolation,
Insertion
Phase
Amplitude
VSWR
Internal
Model
Range,
Performance,
dB,
Loss, dB,
Balance,
Bal., dB,
(In/Output)
Load
Number
MHz
MHz
Min.
Typ. Max. Typ. Max. Typ. Max.
Typ. Max.
Typ. Dissip.
P-112
1 - 200
1 - 100
25
30
1.2
0.7
0.3
0.2 1.3:1
1.2:1 35 mW
100 - 200
25
30
1.2
0.7
0.5
0.3 1.5:1
1.3:1
P-152
50 - 400
50 - 300
25
30
1.0
0.6
0.3
0.2 1.3:1
1.2:1 35 mW
300 - 400
20
25
1.5
1.0
0.5
0.3 1.5:1
1.3:1
GENERAL SPECIFICATIONS
Coupling:
-- 4.8 dB nom.
Impedance:
50
Ω nom.
CW Input Power:
1 Watt max.
(When used as divider with 1.2:1 VSWRout)
Weight, nominal:
0.1 oz (2.8 g).
Operating Temperature:
-- 55° to +85°C
General Notes:
1. The P-112/P-152 series 3-way Power Divider/Combiners cover a
broad frequency range from 1 to 400 MHz using a special lumped
element design to reduce the size to an absolute minimum.
2. These units are well suited to applications where high performance
is required in a compact package.
NOTES:
1. Tolerance on 3 place decimals
±.010(.25) except as noted.
2. Dimensions in inches over millimeters.
16Feb96


Similar Part No. - P-112

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
P-110 MERRIMAC-P-110 Datasheet
129Kb / 1P
   0 POWER DIVIDERS / COMBINERS
P-111 MERRIMAC-P-111 Datasheet
80Kb / 1P
   0째/180째POWER DIVIDER / COMBINER
logo
Molex Electronics Ltd.
P-1139 MOLEX4-P-1139 Datasheet
207Kb / 3P
   Krimptite??Quick Disconnect, Female, for 12-14 (3.30-2.00) Wire, Box, Tab 4.75mm(.187") x 0.51mm (.020")
P-1139-032 MOLEX4-P-1139-032 Datasheet
115Kb / 2P
   Krimptite??Quick Disconnect, Female, for 12-14 (3.30-2.00) Wire, Box, Tab 4.75mm
P-1139T MOLEX4-P-1139T Datasheet
207Kb / 3P
   Krimptite??Quick Disconnect, Female, for 12-14 (3.30-2.00) Wire, Mylar Tape, Tab4.75mm (.187") x 0.51mm (.020")
More results

Similar Description - P-112

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PDF-4E-20 MERRIMAC-PDF-4E-20 Datasheet
885Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDML-30A-100 MERRIMAC-PDML-30A-100 Datasheet
76Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDU-20-250 MERRIMAC-PDU-20-250 Datasheet
86Kb / 1P
   0 POWER DIVIDERS/ COMBINERS
PDG-3B-150 MERRIMAC-PDG-3B-150 Datasheet
82Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDM-25R-8.8G MERRIMAC-PDM-25R-8.8G Datasheet
511Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDM-84-5G MERRIMAC-PDM-84-5G Datasheet
66Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDML-40A-100 MERRIMAC-PDML-40A-100 Datasheet
73Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDML-60-150 MERRIMAC-PDML-60-150 Datasheet
72Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PD-40-100 MERRIMAC-PD-40-100 Datasheet
74Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDF-5C-50 MERRIMAC-PDF-5C-50 Datasheet
49Kb / 1P
   0 POWER DIVIDERS/ COMBINERS
PDM-30-50 MERRIMAC-PDM-30-50 Datasheet
147Kb / 2P
   0 POWER DIVIDERS / COMBINERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com