Selected language     English  ▼


P-152 Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part No. P-152
Description  0 POWER DIVIDERS / COMBINERS
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MERRIMAC [Merrimac Industries, Inc.]
Homepage  http://www.merrimacind.com
Logo 

   
 1 page
background image
Package Outline of P-112/P-152
Typical P-152 Performance
P-112 & P-152
0 POWER DIVIDERS / COMBINERS
1 to 400 MHz / 3-Way / Uniform Phase & Amplitude Bal. / Low Insertion Loss / Broadband / TO-5
For further information contact
MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
PRINCIPAL SPECIFICATIONS
Freq.
Frequency
Isolation,
Insertion
Phase
Amplitude
VSWR
Internal
Model
Range,
Performance,
dB,
Loss, dB,
Balance,
Bal., dB,
(In/Output)
Load
Number
MHz
MHz
Min.
Typ. Max. Typ. Max. Typ. Max.
Typ. Max.
Typ. Dissip.
P-112
1 - 200
1 - 100
25
30
1.2
0.7
0.3
0.2 1.3:1
1.2:1 35 mW
100 - 200
25
30
1.2
0.7
0.5
0.3 1.5:1
1.3:1
P-152
50 - 400
50 - 300
25
30
1.0
0.6
0.3
0.2 1.3:1
1.2:1 35 mW
300 - 400
20
25
1.5
1.0
0.5
0.3 1.5:1
1.3:1
GENERAL SPECIFICATIONS
Coupling:
-- 4.8 dB nom.
Impedance:
50
Ω nom.
CW Input Power:
1 Watt max.
(When used as divider with 1.2:1 VSWRout)
Weight, nominal:
0.1 oz (2.8 g).
Operating Temperature:
-- 55° to +85°C
General Notes:
1. The P-112/P-152 series 3-way Power Divider/Combiners cover a
broad frequency range from 1 to 400 MHz using a special lumped
element design to reduce the size to an absolute minimum.
2. These units are well suited to applications where high performance
is required in a compact package.
NOTES:
1. Tolerance on 3 place decimals
±.010(.25) except as noted.
2. Dimensions in inches over millimeters.
16Feb96




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
P2222WAY - 4WAY - 8WAY POWER DIVIDERS & COMBINERS 1 Advanced Technical Materials Inc.
113APOWER DIVIDERS / COMBINERS 1 Merrimac Industries, Inc.
HJ-0.3K0/180 POWER DIVIDERS / COMBINERS 1 Merrimac Industries, Inc.
P-1100 POWER DIVIDERS / COMBINERS 1 Merrimac Industries, Inc.
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
4A0857Power Dividers 1 2 3 Anaren Microwave
40279Power Dividers 1 2 3 Anaren Microwave
42100Power Dividers 1 2 3 Anaren Microwave
SPD-C2POWER DIVIDERS : 2-WAY 1 2 3 4 5 SYNERGY MICROWAVE CORPORATION
4E0265Power Dividers 1 2 3 Anaren Microwave

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl