Electronic Components Datasheet Search
Selected language     English  ▼


P-153 Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part No. P-153
Description  0 POWER DIVIDERS / COMBINERS
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MERRIMAC [Merrimac Industries, Inc.]
Homepage  http://www.merrimacind.com
Logo 

   
 1 page
background image
P-154 Outline
P-153 Outline
P-154 Performance
P-153 & P-154
0 POWER DIVIDERS / COMBINERS
1 to 500 MHz / 4-Way / Uniform Phase & Ampli. Bal. / Low Insertion Loss / Broadband / TO-8, Relay
For further information contact
MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
PRINCIPAL SPECIFICATIONS
Freq.
Isolation,
Insertion
Phase
Amplitude
VSWR
Internal
Weight
Model
Range,
dB,
Loss, dB,
Balance,
Bal., dB,
(In/Output)
Max. Load
Nom.
Number
MHz
Min. Typ. Max
Typ.
Max. Typ.
Max. Typ.
Max. Typ. Dissipation
oz. (g)
P-153
5 - 500
20
25
2.2
1.0
0.5
0.3
1.5:1 1.3:1
50 mW
0.14 (4)
P-154
1 - 200
20
25
1.5
1.0
0.4
0.2
1.5:1 1.3:1
125 mW
0.32 (9)
GENERAL SPECIFICATIONS
Coupling:
-- 6 dB nom.
Impedance:
50
Ω nom.
CW Input Power:
1 Watt max.
(When used as divider with 1.2:1 VSWRout)
Operating Temperature:
-- 55° to +85°C
NOTES:
1. Tolerance on 3 place decimals
±.010(.25) except as noted.
2. Dimensions in inches
over millimeters.
3. All unmarked pins are grounded to
header internally.
16Feb96
OUTPUT
OUTPUT
OUTPUT
OUTPUT




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
P2222WAY - 4WAY - 8WAY POWER DIVIDERS & COMBINERS 1 Advanced Technical Materials Inc.
113APOWER DIVIDERS / COMBINERS 1 Merrimac Industries, Inc.
HJ-0.3K0/180 POWER DIVIDERS / COMBINERS 1 Merrimac Industries, Inc.
P-1100 POWER DIVIDERS / COMBINERS 1 Merrimac Industries, Inc.
P-1120 POWER DIVIDERS / COMBINERS 1 Merrimac Industries, Inc.
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
CEEH135General Power TransformerType: CEEH Series> 1 Sumida Corporation
4A0456Power Dividers 1 2 3 Anaren Microwave
40278Power Dividers 1 2 3 Anaren Microwave
42040Power Dividers 1 2 3 Anaren Microwave

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl