Selected language     English  ▼


P-158 Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part No. P-158
Description  0 POWER DIVIDER / COMBINER
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MERRIMAC [Merrimac Industries, Inc.]
Homepage  http://www.merrimacind.com
Logo 

   
 1 page
background image
NOTES:
1. Tolerance on 3 place decimals
±.010(.25) except as noted.
2. Dimensions in inches over millimeters.
3. Pins 1, 3, 4, 6, 7, 9, 10 & 12 are output ports.
4. Pins 5, 8 & 11 are grounded to header internally.
P-158 Performance Data
Package Outline
P-158
0 POWER DIVIDER / COMBINER
2 to 400 MHz / 8-Way / Uniform Phase & Ampli. Bal. / Low Insertion Loss / Broadband / TO-8 Pkg
PRINCIPAL SPECIFICATIONS
Frequency
Frequency
Isolation,
Insertion
Phase
Amplitude
VSWR
Weight
Model
Range,
Performance,
dB,
Loss, dB,
Balance,
Bal., dB,
(In/Output)
nom.
Number
MHz
MHz
Min. Typ.
Max Typ.
Max. Typ. Max. Typ.
Max.
Typ. oz. (g)
P-158
2 - 400
10 - 200
25
30
1.5
1.0
0.6
0.3
1.4:1 1.2:1 0.14 (4)
2 - 400
20
25
2.5
2.0
10° 5°
1.0
0.6
2.0:1 1.5:1
GENERAL SPECIFICATIONS
Coupling, theoretical:
-- 9 dB nom.
Impedance:
50
Ω nom.
Internal Load Dissipation: 35 mW max.
CW Power Input:
50 mW max.
(When used as divider with 1.2:1 VSWRout)
Operating Temp:
-- 55° to +85°C
For further information contact
MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
16Feb96




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
MAPDCC0011Low Cost Two-Way GMIC SMT Power Divider 824-960 MHz 1 2 3 Tyco Electronics
DSS-5858-WAY POWER DIVIDER SURFACE MOUNT MODEL 1 2 3 SYNERGY MICROWAVE CORPORATION
PD0922J7575D2Ultra Low Profile 0805 Power Divider 75Ω to 75Ω 1 2 3 4 5 MoreAnaren Microwave
PD4W18-12Four-Way Power Splitter Combiner 1.71-1.99 GHz 1 2 3 4 5 Skyworks Solutions Inc.
SD22002-WAY POWER DIVIDER SURFACE MOUNT MODEL 1 2 3 SYNERGY MICROWAVE CORPORATION
PD1722J5050D2Ultra Low Profile 0805 Power Divider 50Ω to 50Ω 1 2 3 4 5 MoreAnaren Microwave
PD16-73LFTwo-Way Power Splitter Combiner 1.42-1.66 GHz 1 2 3 4 Skyworks Solutions Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl