Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4006 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4006
Description  4A, High Efficiency, Standalone Li-Ion Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4006 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4006 Datasheet HTML 5Page - Linear Technology LTC4006 Datasheet HTML 6Page - Linear Technology LTC4006 Datasheet HTML 7Page - Linear Technology LTC4006 Datasheet HTML 8Page - Linear Technology LTC4006 Datasheet HTML 9Page - Linear Technology LTC4006 Datasheet HTML 10Page - Linear Technology LTC4006 Datasheet HTML 11Page - Linear Technology LTC4006 Datasheet HTML 12Page - Linear Technology LTC4006 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LTC4006
4006fa
OPERATIO
comparesthiscurrentagainstthedesiredcurrentprogrammed
by RIMON at the IMON pin and adjusts ITH until:
V
R
VV
A
k
k
REF
IMON
CSP
BAT
=
–.
11 67
3
3
therefore,
I
V
R
A
k
R
CHARGE
REF
IMON
SENSE
⎝⎜
⎠⎟
–.
11 67
3
The voltage at BAT is divided down by an internal resistor
divider and is used by error amp EA to decrease ITH if the
divider voltage is above the 1.19V reference. When the
charging current begins to decrease, the voltage at IMON
will decrease in direct proportion. The voltage at IMON is
then given by:
VI
R
A
k
R
k
IMON
CHARGE
SENSE
IMON
=+
µ
()
•.
11 67
3
3
Table 1. Truth Table for LTC4006 Operation
MODE
DCIN
BAT VOLTAGE
BAT CURRENT
ACP/SHDN
TIMER STATE
CHG*
Shut Down by Low Adapter Voltage
<BAT
>UVLO
Leakage
LOW
Reset
HIGH
Conditioning a Depleted Battery
>BAT
<2.5V/Cell
10% Programmed
HIGH
Running
LOW
Current
Normal Charging
>BAT
>2.5V/Cell
Programmed
HIGH
Running
LOW
Current
Input Current Limited Charging
>BAT
>2.5V/Cell
Programmed
HIGH
Running
LOW
Current
Charger Paused Due to Thermistor Out of Range
>BAT
X
OFF
HIGH
Paused
LOW or 25
µA
(Faulted)
Shut Down by ACP/SHDN Pin
>BAT
X
OFF
Forced LOW
Reset
HIGH
Terminated by Low-Battery Fault (Note 1)
>BAT
<2.5V/Cell
OFF
HIGH
>T/4 Stopped
HIGH
(Faulted)
Top-Off Charging. C/10 is Latched
>BAT
VFLOAT
OFF
HIGH
<T/4 After C/10
25
µA
Comparator Trip.
Running
Timer is Reset by C/10 Comparator (Latched),
>BAT
VFLOAT
OFF
HIGH
>T/4 After C/10
HIGH
then Terminates After 1/4 T
Comparator Trip.
(Waiting
Stopped
for Restart)
Terminated by Expired Timer
>BAT
VFLOAT**
OFF
HIGH
>T Stopped
HIGH
(Waiting
for Restart)
Timer Defeated. (Low-Battery Conditioning Still
X
X
X
X
X
Forced LOW
Functional)
Shut Down by Undervoltage Lockout
>BAT
<UVL
OFF
HIGH
Reset
HIGH**
and <UVL
Timer Defeated Until VBAT > 3.9V/Cell
>BAT
2.5V
≤ VBAT ≤3.9V
Programmed
HIGH
Running
LOW
(V/Cell)
Current
*Open Drain. High when used with pull-up resistor.
**Most probable condition, X = Don’t care
Note 1: If a depleted battery is inserted while the charger is in this state,
the charger must be reset to initiate charging.
The accuracy of VIMON will range from 0% to ITOL.
VIMON is plotted in Figure 2.
The amplifier CL1 monitors and limits the input current to
a preset level (100mV/RCL). At input current limit, CL1 will
decrease the ITH voltage, thereby reducing charging cur-
rent. When this condition is detected, the C/10 indicator will
Figure 2. VIMON vs ICHARGE
ICHARGE (% OF MAXIMUM CURRENT)
0
0
0.2
0.4
0.6
0.8
4006 F02
1.0
1.2
20
40
60
80
100
1.19V
0.309V


Similar Part No. - LTC4006

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4006 LINER-LTC4006 Datasheet
219Kb / 16P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006 Datasheet
371Kb / 48P
   Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
LTC4006 LINER-LTC4006 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
LTC4006EGN-2 LINER-LTC4006EGN-2 Datasheet
219Kb / 16P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006EGN-4 LINER-LTC4006EGN-4 Datasheet
219Kb / 16P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
More results

Similar Description - LTC4006

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4006 LINER-LTC4006 Datasheet
219Kb / 16P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_15 Datasheet
272Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007 LINER-LTC4007_1 Datasheet
273Kb / 24P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007 LINER-LTC4007 Datasheet
241Kb / 20P
   4A, High Efficiency, Standalone Li Battery Charger
LTC4007-1 LINER-LTC4007-1_15 Datasheet
280Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4007-1 LINER-LTC4007-1 Datasheet
274Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4007 LINER-LTC4007_15 Datasheet
231Kb / 24P
   4A, High Effi ciency, Standalone Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
   Standalone Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com