Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4008 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4008
Description  4A, High Efficiency, Multi-Chemistry Battery Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4008 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4008 Datasheet HTML 2Page - Linear Technology LTC4008 Datasheet HTML 3Page - Linear Technology LTC4008 Datasheet HTML 4Page - Linear Technology LTC4008 Datasheet HTML 5Page - Linear Technology LTC4008 Datasheet HTML 6Page - Linear Technology LTC4008 Datasheet HTML 7Page - Linear Technology LTC4008 Datasheet HTML 8Page - Linear Technology LTC4008 Datasheet HTML 9Page - Linear Technology LTC4008 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC4008
4008fa
PI FU CTIO S
DCIN (Pin 1): External DC Power Source Input. Bypass
this pin with at least 0.01
µF. See Applications Information
section.
ICL (Pin 2): Input Current Limit Indicator. Active low digital
output. Internal 10
µA pull-up to 3.5V. Pulled low if the
charger current is being reduced by the input current
limiting function. The pin is capable of sinking at least
100
µA. If VLOGIC > 3.3V, add an external pull-up.
ACP/SHDN (Pin 3): Open-drain output used to indicate if
the AC adapter voltage is adequate for charging. Active high
digital output. Internal 10
µA pull-up to 3.5V. The charger
can also be shutdown by pulling this pin below 1V. The pin
is capable of sinking at least 100
µA. If VLOGIC > 3.3V, add
an external pull-up. (LTC4008-1: ACP function disabled.)
RT (Pin 4): Thermistor Clocking Resistor. Use a 150k
resistor as a nominal value. This resistor is always re-
quired. If this resistor is not present, the charger will not
start.
FAULT (Pin 5): Active low open-drain output that indicates
that charger operation has suspended due to the ther-
mistor exceeding allowed values. A pull-up resistor is
required if this function is used. The pin is capable of
sinking at least 100
µA.
GND (Pin 6): Ground for Low Power Circuitry.
VFB (Pin 7): Input of Voltage Feedback Error Amplifier, EA,
in the Block Diagram.
NTC (Pin 8): A thermistor network is connected from NTC
to GND. This pin determines if the battery temperature is
safe for charging. The charger and timer are suspended
and the FAULT pin is driven low if the thermistor indicates
a temperature that is unsafe for charging. The thermistor
function may be disabled with a 300k to 500k resistor from
DCIN to NTC.
ITH (Pin 9): Control Signal of the Inner Loop of the Current
Mode PWM. Higher ITH voltage corresponds to higher
charging current in normal operation. A 6k resistor in
series with a capacitor of at least 0.1
µF to GND provides
loop compensation. Typical full-scale output current is
40
µA. Nominal voltage range for this pin is 0V to 3V.
PROG (Pin 10): Current Programming/Monitoring Input/
Output. An external resistor to GND programs the peak
charging current in conjunction with the current sensing
resistor. The voltage at this pin provides a linear indication
of charging current. Peak current is equivalent to 1.19V.
Zero current is approximately 0.309V. A capacitor from
PROG to ground is required to filter higher frequency
components. The maximum program resistance to ground
is 100k. Values higher than 100k can cause the charger to
shut down.
CSP (Pin 11): Current Amplifier CA1 Input. The CSP and
BAT pins measure the voltage across the sense resistor,
RSENSE, to provide the instantaneous current signals re-
quired for both peak and average current mode operation.
BAT (Pin 12): Battery Sense Input and the Negative
Reference for the Current Sense Resistor.
BATMON (Pin 13): Output Voltage Representing Battery
Voltage. Switched off to reduce standby current drain
when AC is not present. An external voltage divider from
BATMON to VFB sets the charger float voltage. Recom-
mended minimum load resistance is 100k.
FLAG (Pin 14): Active low open-drain output that indicates
when charging current has declined to 10% of max pro-
grammed current. A pull-up resistor is required if this
function is used. The pin is capable of sinking at least
100
µA. This function is latching. To clear it, user must
cycle the ACP/SHDN pin.
CLN (Pin 15): Negative Input to the Input Current Limiting
Amplifier CL1. The threshold is set at 100mV below the
voltage at the CLP pin. When used to limit input current, a
filter is needed to filter out the switching noise. If no
current limit function is desired, connect this pin to CLP.
CLP (Pin 16): This pin serves as a positive reference for the
input current limit amplifier, CL1. It also serves as the
power supply for the IC.
TGATE (Pin 17): Drives the top external PMOSFET of the
battery charger buck converter.
PGND (Pin 18): High Current Ground Return for BGATE
Driver.
BGATE (Pin 19): Drives the bottom external N-MOSFET of
the battery charger buck converter.
INFET (Pin 20): Drives the gate of the external input
P-MOSFET. (LTC4008-1: No Connection)


Similar Part No. - LTC4008

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4008 LINER-LTC4008 Datasheet
371Kb / 48P
   Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
LTC4008 LINER-LTC4008 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
LTC4008 LINER-LTC4008 Datasheet
379Kb / 32P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC4008 LINER-LTC4008_15 Datasheet
232Kb / 24P
   4A, High Effi ciency, Multi-Chemistry Battery Charger
More results

Similar Description - LTC4008

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4008 LINER-LTC4008_15 Datasheet
232Kb / 24P
   4A, High Effi ciency, Multi-Chemistry Battery Charger
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
logo
Linear Technology
LTC4012-1 LINER-LTC4012-1_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012 LINER-LTC4012_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-3 LINER-LTC4012-3 Datasheet
375Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com