Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDM-80-100 Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # PDM-80-100
Description  0 POWER DIVIDERS / COMBINERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

PDM-80-100 Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  PDM-80-100 Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical Performance
PDM-80 Series
0 POWER DIVIDERS / COMBINERS
1 to 500 MHz / 8-Way / Lumped Element / Uniform Phase & Ampli. Bal./ Low Insertion Loss / SMA
For further information contact
MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
PRINCIPAL SPECIFICATIONS
Frequency
Freq.
Isolation,
Insertion
Phase
Amplitude
VSWR
Input
Model
Range,
Perform.,
dB,
Loss, dB,
Balance,
Balance, dB,
Max.
Power,
Number
MHz
MHz
Min. Typ. Max.
Typ. Max. Typ. Max.
Typ. Input/Output
Max.
PDM-80-100 1 - 200
1 - 100
28
30
1.0
0.8
0.5
0.2
1.35:1/1.2:1
3 W
100 - 200
20
25
2.0
1.5
0.6
0.3
1.5:1/1.3:1
PDM-80-275 50 - 500
50 - 500
25
30
1.7
1.3
0.5
0.3
1.35:1/1.2:1
3 W
CW input power when used as divider with 1.2:1 VSWRout
GENERAL SPECIFICATIONS
Coupling:
-- 9 dB nom.
Impedance:
50
Ω nom.
Internal Load Dissipation:
250 mW max.
Weight, nominal:
2.6 oz. (73 g)
Operating Temperature:
-- 55° to +85°C
General Notes:
1. The PDM-80 series of 8-way Power Divider/Combiners cover 1 to 500 MHz
using a special lumped element design for minimum insertion loss. This unit is
especially applicable where overall space is limited.
Package Outline
22Feb96
NOTES:
1. Tolerance on 3 place
decimals
±.020(.51) except as noted.
2. Dimensions in inches over millimeters.


Similar Part No. - PDM-80-100

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PDM-81-12GSQ MERRIMAC-PDM-81-12GSQ Datasheet
86Kb / 1P
   0 DIVIDERS/COMBINERS
PDM-81-3.8GSQ MERRIMAC-PDM-81-3.8GSQ Datasheet
87Kb / 1P
   0 DIVIDERS/COMBINERS
PDM-81M-13G MERRIMAC-PDM-81M-13G Datasheet
68Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDM-81M-3.95G MERRIMAC-PDM-81M-3.95G Datasheet
68Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDM-81M-3G MERRIMAC-PDM-81M-3G Datasheet
68Kb / 1P
   0 POWER DIVIDERS / COMBINERS
More results

Similar Description - PDM-80-100

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PDF-4E-20 MERRIMAC-PDF-4E-20 Datasheet
885Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDML-30A-100 MERRIMAC-PDML-30A-100 Datasheet
76Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDU-20-250 MERRIMAC-PDU-20-250 Datasheet
86Kb / 1P
   0 POWER DIVIDERS/ COMBINERS
PDG-3B-150 MERRIMAC-PDG-3B-150 Datasheet
82Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDM-25R-8.8G MERRIMAC-PDM-25R-8.8G Datasheet
511Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDM-84-5G MERRIMAC-PDM-84-5G Datasheet
66Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDML-40A-100 MERRIMAC-PDML-40A-100 Datasheet
73Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDML-60-150 MERRIMAC-PDML-60-150 Datasheet
72Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PD-40-100 MERRIMAC-PD-40-100 Datasheet
74Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDF-5C-50 MERRIMAC-PDF-5C-50 Datasheet
49Kb / 1P
   0 POWER DIVIDERS/ COMBINERS
PDM-30-50 MERRIMAC-PDM-30-50 Datasheet
147Kb / 2P
   0 POWER DIVIDERS / COMBINERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com