Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDM-81M-6G Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # PDM-81M-6G
Description  0 POWER DIVIDERS / COMBINERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

PDM-81M-6G Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  PDM-81M-6G Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Package Outline
PDM-81M Series
0 POWER DIVIDERS / COMBINERS
2 to 18 GHz / 8-Way / Uniform Phase & Ampli. Balance / High Isolation / Low Insertion Loss / SMA
For further information contact
MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
PRINCIPAL SPECIFICATIONS
Frequency Isolation,
Insertion
Phase
Amplitude
VSWR,
Weight,
Model
Range,
dB,
Loss, dB,
Balance,
Balance,
Max.
oz. (g)
Outline
Number
GHz
Min.
Max.
Max.
dB, Max.
In
Out
Nom.
Dwg.
PDM-81M-3G
2.0 - 4.0
18
1.0
0.4
1.60:1 1.60:1
8.5 (240)
1
PDM-81M-3.95G 3.6 - 4.3
20
0.8
0.4
1.35:1 1.35:1
12.0 (335)
2
PDM-81M-6G
4.0 - 8.0
20
0.8
0.8
1.30:1 1.35:1
8.5 (240)
1
PDM-81M-13G
8.0 - 18.0
15
2.0
0.6
1.60:1 1.50:1
6.5 (180)
3
GENERAL SPECIFICATIONS
Impedance:
50
Ω nom.
CW Input Power with:
VSWRout of:
1.2:1
30 W
VSWRout of:
2.0:1
10 W
VSWRout of:
1 W
Temperature Range:
-- 55° to +85°C
NOTES:
1. Tolerance on 3 place decimals
±.020(.51) except as noted.
2. Dimensions in inches over mm..
General Notes:
1. The PDM-81M-G series eight- way Power
Divider/Combiners covers the band from 2
to 18 GHz in four standard models with and
other special models for specific, optional
frequency ranges. Each unit uses a
multi-section stripline Wilkinson design
providing high isolation and low VSWR.
2. For applications below 2 GHz, Merrimac
offers a complete line of lumped element
power dividers found elsewhere in this
catalog.
3. Many models are available from catalog
stock for fast delivery.
29Apr96


Similar Part No. - PDM-81M-6G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PDM-81-12GSQ MERRIMAC-PDM-81-12GSQ Datasheet
86Kb / 1P
   0 DIVIDERS/COMBINERS
PDM-81-3.8GSQ MERRIMAC-PDM-81-3.8GSQ Datasheet
87Kb / 1P
   0 DIVIDERS/COMBINERS
More results

Similar Description - PDM-81M-6G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PDF-4E-20 MERRIMAC-PDF-4E-20 Datasheet
885Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDML-30A-100 MERRIMAC-PDML-30A-100 Datasheet
76Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDU-20-250 MERRIMAC-PDU-20-250 Datasheet
86Kb / 1P
   0 POWER DIVIDERS/ COMBINERS
PDG-3B-150 MERRIMAC-PDG-3B-150 Datasheet
82Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDM-25R-8.8G MERRIMAC-PDM-25R-8.8G Datasheet
511Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDM-84-5G MERRIMAC-PDM-84-5G Datasheet
66Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDML-40A-100 MERRIMAC-PDML-40A-100 Datasheet
73Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDML-60-150 MERRIMAC-PDML-60-150 Datasheet
72Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PD-40-100 MERRIMAC-PD-40-100 Datasheet
74Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDF-5C-50 MERRIMAC-PDF-5C-50 Datasheet
49Kb / 1P
   0 POWER DIVIDERS/ COMBINERS
PDM-30-50 MERRIMAC-PDM-30-50 Datasheet
147Kb / 2P
   0 POWER DIVIDERS / COMBINERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com