Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDML-80-100 Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # PDML-80-100
Description  0 POWER DIVIDERS / COMBINERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

PDML-80-100 Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  PDML-80-100 Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Package Outline
PDML-80 Series
0 POWER DIVIDERS / COMBINERS
2 to 1000 MHz / 8-Way / Uniform Phase & Ampli Bal. / Low Insertion Loss / Low Profile Pkg / SMA
For further information contact
PRINCIPAL SPECIFICATIONS
Freq.
Freq.
Isolation,
Insertion
Phase
Amplitude
VSWR,
Input
Model
Range,
Perform.,
dB,
Loss, dB,
Balance,
Balance, dB,
Max.
Power,*
Number
MHz
MHz
Min.
Typ. Max Typ. Max. Typ. Max.
Typ.
In
Out Max.
PDML-80-100
2 - 300
2 - 100
28
30
1.0
0.8
0.5
0.2
1.35:1
1.2:1 3 W
100 - 300
20
25
2.0
1.5
0.6
0.3
1.5:1
1.3:1
PDML-80-500
20 - 1000
20 - 1000
20
25
2.5
2.0
0.6
0.3
1.5:1
1.3:1 3W
*CW input power when used as divider with 1.2:1 VSWRout
GENERAL SPECIFICATIONS
Coupling:
-- 9 dB nom.
Impedance:
50
Ω nom.
Internal Load Dissipation: 250 mW, max.
Weight, nominal:
2.5 oz. (70 g)
Operating Temperature: -- 55° to +85°C
19Feb96
NOTES:
1. Tolerance on 3 place
decimals
±.020(.51)
except as noted.
2. Dimensions in inches
over mm.
3. Metric Equivalents are
to nearest 0.01 mm.
General Notes:
1. The PDML-80 series of 8-way In-Line Power Dividers/Com-
biners, covers 2 to 1000 MHz using a lumped element design
for minimum insertion loss.


Similar Part No. - PDML-80-100

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PDML-20A-100 MERRIMAC-PDML-20A-100 Datasheet
84Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDML-20A-1000 MERRIMAC-PDML-20A-1000 Datasheet
84Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDML-20A-500 MERRIMAC-PDML-20A-500 Datasheet
84Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDML-30A-100 MERRIMAC-PDML-30A-100 Datasheet
76Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDML-30A-1100 MERRIMAC-PDML-30A-1100 Datasheet
76Kb / 1P
   0 POWER DIVIDERS / COMBINERS
More results

Similar Description - PDML-80-100

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PDF-4E-20 MERRIMAC-PDF-4E-20 Datasheet
885Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDML-30A-100 MERRIMAC-PDML-30A-100 Datasheet
76Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDU-20-250 MERRIMAC-PDU-20-250 Datasheet
86Kb / 1P
   0 POWER DIVIDERS/ COMBINERS
PDG-3B-150 MERRIMAC-PDG-3B-150 Datasheet
82Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDM-25R-8.8G MERRIMAC-PDM-25R-8.8G Datasheet
511Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDM-84-5G MERRIMAC-PDM-84-5G Datasheet
66Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDML-40A-100 MERRIMAC-PDML-40A-100 Datasheet
73Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDML-60-150 MERRIMAC-PDML-60-150 Datasheet
72Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PD-40-100 MERRIMAC-PD-40-100 Datasheet
74Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDF-5C-50 MERRIMAC-PDF-5C-50 Datasheet
49Kb / 1P
   0 POWER DIVIDERS/ COMBINERS
PDM-30-50 MERRIMAC-PDM-30-50 Datasheet
147Kb / 2P
   0 POWER DIVIDERS / COMBINERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com