Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDNL-40-1500 Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # PDNL-40-1500
Description  0 POWER DIVIDERS / COMBINERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

PDNL-40-1500 Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  PDNL-40-1500 Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Package Outline
PDNL-40 Series
0 POWER DIVIDERS / COMBINERS
5 to 2000 MHz / 4-Way / Medium Power / Low Insertion Loss / Wide bandwidth / N-Type Package
For further information contact
MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
PRINCIPAL SPECIFICATIONS
Frequency
Isolation,
Insertion
Phase
Amplitude
VSWR,
Weight
Model
Range,
dB,
Loss, dB,
Balance,
Bal., dB,
(In/Output)
oz.(g)
Number
MHz
Min. Typ.
Max. Typ.
Max. Typ.
Max. Typ.
Max. Typ.
Nom.
PDNL-40-100
5 - 200
25
30
1.25
0.8
0.2
0.1
1.3:1 1.2:1 9.5 (269)
PDNL-40-500
100 - 1000
20
25
1.5
1.0
0.5
0.3
1.5:1 1.3:1 9.5 (269)
PDNL-40-1500 1000 - 2000
20
25
2.0
1.5
0.5
0.3
1.5:1 1.3:1 9.5 (269)
GENERAL SPECIFICATIONS
Nominal Coupling:
-- 6 dB
Impedance:
50
Ω nom.
CW Input Power:
5W max.
(When used as divider with 1.2:1 VSWRout)
Internal Load Dissipation: 250 mW max.
Operating Temperature: -- 55° to +85°C
General Notes:
1. The PDNL-40 series of In-Line 4-way Power Dividers/ Combiners
covers 5 to 2,000 MHz. Each uses a high performance lumped element
design to achieve multi-octave bandwidths. Standard units are
generally available from stock but close tolerance versions are
available.
22Feb96
NOTES:
1. Tolerance on 3 place decimals
±.020(.51) except as noted.
2. Dimensions in inches over millimeters.


Similar Part No. - PDNL-40-1500

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PDNL-20-100 MERRIMAC-PDNL-20-100 Datasheet
52Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDNL-20-1000 MERRIMAC-PDNL-20-1000 Datasheet
52Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDNL-20-500 MERRIMAC-PDNL-20-500 Datasheet
52Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDNL-30-500 MERRIMAC-PDNL-30-500 Datasheet
60Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDNL-80-500 MERRIMAC-PDNL-80-500 Datasheet
59Kb / 1P
   0 POWER DIVIDERS / COMBINERS
More results

Similar Description - PDNL-40-1500

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PDF-4E-20 MERRIMAC-PDF-4E-20 Datasheet
885Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDML-30A-100 MERRIMAC-PDML-30A-100 Datasheet
76Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDU-20-250 MERRIMAC-PDU-20-250 Datasheet
86Kb / 1P
   0 POWER DIVIDERS/ COMBINERS
PDG-3B-150 MERRIMAC-PDG-3B-150 Datasheet
82Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDM-25R-8.8G MERRIMAC-PDM-25R-8.8G Datasheet
511Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDM-84-5G MERRIMAC-PDM-84-5G Datasheet
66Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDML-40A-100 MERRIMAC-PDML-40A-100 Datasheet
73Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDML-60-150 MERRIMAC-PDML-60-150 Datasheet
72Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PD-40-100 MERRIMAC-PD-40-100 Datasheet
74Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDF-5C-50 MERRIMAC-PDF-5C-50 Datasheet
49Kb / 1P
   0 POWER DIVIDERS/ COMBINERS
PDM-30-50 MERRIMAC-PDM-30-50 Datasheet
147Kb / 2P
   0 POWER DIVIDERS / COMBINERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com