Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD647 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD647
Description  isc Silicon NPN Darlington Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD647 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD647 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD647 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
BD647
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Breakdown Voltage
IC= 30mA; IB= 0
80
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 3A; IB= 12mA
B
2.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 5A; IB= 50mA
B
2.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 5A; IB= 50mA
B
3.0
V
VBE(on)
Base-Emitter On Voltage
IC= 3A ; VCE= 3V
2.5
V
VCB= 80V; IE= 0
0.2
ICBO
Collector Cutoff Current
VCB= 50V; IE= 0; TC= 150℃
2.0
mA
ICEO
Collector Cutoff Current
VCE= 40V; IB= 0
B
0.5
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
5
mA
hFE
DC Current Gain
IC= 3A ; VCE= 3V
750
isc Website:www.iscsemi.cn
2


Similar Part No. - BD647

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD647 POINN-BD647 Datasheet
115Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Siemens Semiconductor G...
BD647 SIEMENS-BD647 Datasheet
125Kb / 4P
   NPN SILICON DARLINGTON TRANSISTORS
BD647 SIEMENS-BD647 Datasheet
127Kb / 4P
   PNP SILICON DARLINGTON TRANSISTORS
logo
Bourns Electronic Solut...
BD647 BOURNS-BD647 Datasheet
105Kb / 5P
   NPN SILICON POWER DARLINGTONS
BD647 BOURNS-BD647 Datasheet
105Kb / 5P
   NPN SILICON POWER DARLINGTONS
More results

Similar Description - BD647

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
T2142 ISC-T2142 Datasheet
171Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2N6532 ISC-2N6532 Datasheet
150Kb / 2P
   isc Silicon NPN Darlington Power Transistor
TIP140T ISC-TIP140T Datasheet
149Kb / 2P
   isc Silicon NPN Darlington Power Transistor
KSD985 ISC-KSD985 Datasheet
141Kb / 2P
   isc Silicon NPN Darlington Power Transistor
KSD986 ISC-KSD986 Datasheet
141Kb / 2P
   isc Silicon NPN Darlington Power Transistor
BDX65B ISC-BDX65B Datasheet
189Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD2051 ISC-2SD2051 Datasheet
263Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD2091 ISC-2SD2091 Datasheet
259Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD1566 ISC-2SD1566 Datasheet
271Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD460 ISC-2SD460 Datasheet
249Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD605 ISC-2SD605 Datasheet
251Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com