Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDP-4R-1300 Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # PDP-4R-1300
Description  0 POWER DIVIDERS / COMBINERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

PDP-4R-1300 Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  PDP-4R-1300 Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PDP-4R Series
0 POWER DIVIDERS / COMBINERS
2 to 2000 MHz / 4-Way / Low Insertion Loss / Hermetic Meri-Pac / Auto-Insertion-Ready
PRINCIPAL SPECIFICATIONS
Frequency
Frequency
Isolation,
Insertion
Phase
Amplitude
VSWR
Model
Range,
Performance,
dB,
Loss, dB,
Balance,
Bal., dB,
(In/Output)
Number
MHz
MHz
Min. Typ. Max.
Typ.
Max. Typ.
Max. Typ.
Max. Typ.
PDP-4R-50
2 - 100
2 - 100
30
35
1.0
0.6
0.2
0.1
1.3:1 1.2:1
PDP-4R-1300 100 - 2000
200 - 1000
20
25
1.5
1.0
0.5
0.3
1.5:1 1.3:1
100 - 2000
20
23
3.0
2.5
0.6
0.4
1.8:1 1.5:1
GENERAL SPECIFICATIONS
Nominal Coupling:
-- 6 dB
Impedance:
50
Ω nom.
CW Input Power*:
Above 1 MHz:
1 W max.
Below 1 MHz:
0.5 W max.
Internal Load Dissipation: 50 mW max.
Nominal Weight:
0.35 oz.(10 g)
Operating Temperature: -- 55° to +85°C
*When used as divider with 1.2:1 VSWRout
General Notes:
1. The PDP-4R series of 4-way Power Di-
viders/Combiners covers 2 to 2,000 MHz
using a special lumped element design to
reduce size making these units ideal for
applications where space-saving is essen-
tial.
2. Electrical performance is quite good even
though units in this series are unusually
compact. The 0.805 inch square Meri-
Pac
™ that houses these 4-way Power Di-
vider/Combiners is ideally suited for
airborne and space applications where the
inherent package reliability and hermeticity
are critical.
For further information contact
MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
NOTES:
1. Tolerance on 3 place decimals
± 0.010(.25) except as noted.
2. Dimensions in inches over (millimeters).
3. Lead dimensions apply only at body.
4. All unmarked pins are case ground.
Meri-Pac
™ R-Package Outline
22Feb96


Similar Part No. - PDP-4R-1300

ManufacturerPart #DatasheetDescription
logo
CUI INC
PDP-40 CUI-PDP-40 Datasheet
116Kb / 4P
   4-PIN POWER DIN PLUG
More results

Similar Description - PDP-4R-1300

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PDF-4E-20 MERRIMAC-PDF-4E-20 Datasheet
885Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDML-30A-100 MERRIMAC-PDML-30A-100 Datasheet
76Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDU-20-250 MERRIMAC-PDU-20-250 Datasheet
86Kb / 1P
   0 POWER DIVIDERS/ COMBINERS
PDG-3B-150 MERRIMAC-PDG-3B-150 Datasheet
82Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDM-25R-8.8G MERRIMAC-PDM-25R-8.8G Datasheet
511Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDM-84-5G MERRIMAC-PDM-84-5G Datasheet
66Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDML-40A-100 MERRIMAC-PDML-40A-100 Datasheet
73Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDML-60-150 MERRIMAC-PDML-60-150 Datasheet
72Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PD-40-100 MERRIMAC-PD-40-100 Datasheet
74Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDF-5C-50 MERRIMAC-PDF-5C-50 Datasheet
49Kb / 1P
   0 POWER DIVIDERS/ COMBINERS
PDM-30-50 MERRIMAC-PDM-30-50 Datasheet
147Kb / 2P
   0 POWER DIVIDERS / COMBINERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com