Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-910-5 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-910-5
Description  DDS Application Pulse Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-910-5 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-910-5 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
PRI
SEC
PARAMETER
UNITS
Turns Ratio
1:2CT + 1%
Longitudinal Balance
200 - 1000 Hz
60 min.
dB
15 kHz
40 min.
dB
Primary DC Resistance
12 max.
Secondary DC Resistance
43 max.
Frequency Response
+ 1.0
dB
100Hz - 112kHz
Insertion Loss @ 10kHz
1.25 + 0.25
dB
Isolation (HI-POT)
1500
V
RMS
Primary DC None
Inductance
200 min.
mH
(tested @ 1 kHz & 1V
RMS)
Leakage Inductance
43 max.
µH
(tested @ 10 kHz & 1VRMS)
Interwinding Capacitance
65 max.
pF
(tested @ 10 kHz & 1VRMS)
Return Loss @ 100Hz to 100kHz 15 min.
dB
DDS Application
Pulse Transformer
Part Number T-910
5-Pin Version T-910-5
Schematic Diagram
Designed for European DDS
applications (G.703)
Suitable for:
Codirectional Interface
Contradirectional interface
Low Profile "Touch Tone" design
Custom versions of this
transformer are available.
A Surface Mount version of this
transformer is available
Notch on bobbin indicates pin #1
5-Pin Part Number T-910-5: per Drawing Below Pin #2 is removed
Physical Dimensions in inches (mm)
02/27/97
www.rhombus-ind.com


Similar Part No. - T-910-5

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-911 RHOMBUS-IND-T-911 Datasheet
41Kb / 1P
   HDSL Line Interface Transformer
T-917 RHOMBUS-IND-T-917 Datasheet
28Kb / 1P
   WIDEBAND TRANSFORMER
T-918 RHOMBUS-IND-T-918 Datasheet
28Kb / 1P
   WIDEBAND TRANSFORMER
More results

Similar Description - T-910-5

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-909 RHOMBUS-IND-T-909 Datasheet
29Kb / 1P
   DDS Application Pulse Transformer
T-710-5 RHOMBUS-IND-T-710-5 Datasheet
29Kb / 1P
   DDS Application Pulse Transformer
T-1000 RHOMBUS-IND-T-1000 Datasheet
37Kb / 1P
   HDSL Application Pulse Transformer
T-1195 RHOMBUS-IND-T-1195 Datasheet
24Kb / 1P
   DDS Aplications Pulse Transformers
T-998G RHOMBUS-IND-T-998G Datasheet
28Kb / 1P
   DDS Aplications Pulse Transformers
T-997 RHOMBUS-IND-T-997 Datasheet
40Kb / 1P
   DDS Aplications Pulse Transformers
T-997G RHOMBUS-IND-T-997G Datasheet
22Kb / 1P
   DDS Aplications Pulse Transformers
T-710 RHOMBUS-IND-T-710 Datasheet
61Kb / 1P
   DDS Applications Pulse Transformers
T-998NC RHOMBUS-IND-T-998NC Datasheet
40Kb / 1P
   DDS Aplications Pulse Transformers
T-997NC RHOMBUS-IND-T-997NC Datasheet
40Kb / 1P
   DDS Aplications Pulse Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com