Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-924 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-924
Description  High Isolation Pulse Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-924 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-924 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
07/11/96
High Isolation Pulse Transformer
Part Number T-924
Turns Ratio
(
+ 2% )
1:1:1
Parameter
Min.
Max.
Units
Inductance (Primary)
4.0
mH
Leakage Inductance
11.0
µH
Capacitance (C
W/W)35
pF
Primary DC Resistance
0.90
ohms
Secondary DC Resistance
Sec 1
0.76
ohms
Sec 2
1.10
ohms
ET Constant
240
V-
µS
Isolation
2500
V
RMS
2HE
5A? 
5A?
Schematic Diagram
Physical Dimensions in inches (mm)
www.rhombus-ind.com


Similar Part No. - T-924

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-920 RHOMBUS-IND-T-920 Datasheet
53Kb / 1P
   STEP-UP TRANSFORMER
T-922 RHOMBUS-IND-T-922 Datasheet
36Kb / 1P
   10BASE T ISOLATION TRANSFORMER
T-922G RHOMBUS-IND-T-922G Datasheet
33Kb / 1P
   10BASE T ISOLATION TRANSFORMER
T-925 RHOMBUS-IND-T-925 Datasheet
27Kb / 1P
   High Isolation Pulse Transformer
T-927 RHOMBUS-IND-T-927 Datasheet
40Kb / 1P
   MULTI -PURPOSE TRANSFORMER
More results

Similar Description - T-924

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-925 RHOMBUS-IND-T-925 Datasheet
27Kb / 1P
   High Isolation Pulse Transformer
logo
Beijing Yaohuadechang E...
KMG9626 YHDC-KMG9626 Datasheet
1Mb / 1P
   High-voltage Pulse Transformer
logo
Pulse A Technitrol Comp...
PH9363NL PULSE-PH9363NL Datasheet
371Kb / 2P
   High Isolation Power Transformer
logo
List of Unclassifed Man...
G513 ETC1-G513 Datasheet
82Kb / 1P
   PULSE TRANSFORMER
logo
Bothhand USA, LP.
S6025L BOTHHAND-S6025L Datasheet
269Kb / 1P
   PULSE TRANSFORMER
logo
MPS Industries, Inc.
R12703 MPSIND-R12703 Datasheet
258Kb / 1P
   PULSE TRANSFORMER
logo
SCHOTT CORPORATION
67128990 SCHOTT-67128990 Datasheet
14Kb / 1P
   PULSE TRANSFORMER
logo
PCA ELECTRONICS INC.
EP16293X PCA-EP16293X Datasheet
15Kb / 1P
   Pulse Transformer
logo
Rhombus Industries Inc.
T-942 RHOMBUS-IND-T-942 Datasheet
25Kb / 1P
   Pulse Transformer
logo
List of Unclassifed Man...
G517 ETC-G517 Datasheet
99Kb / 1P
   PULSE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com