Electronic Components Datasheet Search
Selected language     English  ▼


R-10E Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part No. R-10E
Description  Multi-Voltage Conventional Relays
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYSTEMSENSOR [Systemsensor advanced ideas.]
Homepage  http://www.systemsensor.com
Logo 

   
 2 page
background image
3825 Ohio Avenue • St. Charles, IL 60174
Phone: 800-SENSOR2 • Fax: 630-377-6495
©2007 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com for
current product information, including the latest version of this data sheet.
A05-0372-005 • 3/07 • #1782
Specifications: R-10T/R-14T/R-20T/R-24T
Operating Voltage
18 – 35 VDC, 18 – 35 VAC, 115 VAC, 230 VAC
Operating Current
20 mA DC max. @ 24 VDC, 24 VAC, 115 VAC,
230 VAC (R-10T/R-14T)
40 mA DC max. @ 24 VDC, 24 VAC, 115 VAC,
230 VAC (R-20T/R-24T)
Operating Temperature
–40°F to 158°F (–40°C to 70°C)
Humidity Range
10% – 93% non-condensing
Dimensions
R-10T/R-20T: 2.5˝L × 3.35˝W × 1.2˝H
R-14T/R-24T: 10˝L × 3.35˝W × 1.2˝H
Contact Ratings
24 VDC: 7 A with L/R = 5 mS
120 VAC: 10 A
120 VAC: 1/6 HP
230 VAC: 7 A
Specifications: R-10E/R-14E/ R-20E/R-24E
Operating Voltage
18 – 35 VDC, 18 – 35 VAC, 115 VAC, 230 VAC
Operating Current
20 mA DC max. @ 24 VDC, 24 VAC, 115 VAC,
230 VAC (R-10E/R-14E)
40 mA DC max. @ 24 VDC, 24 VAC, 115 VAC,
230 VAC (R-20E/R-24E)
Operating Temperature
–40°F to 158°F (–40°C to 70°C)
Humidity Range
10% – 93% non-condensing
Dimensions
R-10E/R-20E: 5.1˝L × 3.75˝W × 2.5˝H
R-14E/R-24E: 11˝L × 5.3˝W × 2.5˝H
Contact Ratings
24 VDC: 7 A with L/R = 5 mS
120 VAC: 10 A
120 VAC: 1/6 HP
230 VAC: 7 A
Multi-Voltage Conventional Relay Specifications
PR–1
E0LR–1
PR–3
PR–2
R–10T
R–14T
R-10E & R-20E Enclosure
R-14E & R-24E Enclosure
Specifications: PR-1
Operating Voltage
18 – 35 VDC, 18 – 35 VAC, 120 VAC
Operating Current
15 mA DC max. @ 24 VDC, 24 VAC, 120 VAC
Operating Temperature
–40°F to 158°F (–40°C to 70°C)
Humidity Range
10 – 93% RH
Wire Length
8˝ minimum
Dimensions
0.87˝H × 2.01˝W × 1.42˝D
Contact Ratings
24 VDC: 7 A with L/R = 5 mS
120 VAC: 7 A max. (0.35 PF)
250 VAC: 10 A resistive
30 VDC: 10 A resistive
Specifications: PR-2/PR-3
Operating Voltage
10 to 40 VDC
Operating Current
30 mA DC max.
Operating Temperature
–40°F to 158°F (–40°C to 70°C)
Humidity Range
10 – 93% RH
Wire Length
8˝ minimum
Dimensions
0.91˝H × 1.65˝W × 1.22˝D
Contact Ratings
120 VAC: 10 A max. (resistive load)
120 VAC: 7 A max. (0.35 PF)
250 VAC: 10 A max. (resistive load)
30 VDC: 10 A max. (resistive load)
Specifications: EOLR-1
Operating Voltage
9 to 40 VDC
Operating Current
20 mA DC max.
Operating Temperature
–22°F to 140°F (–30°C to 60°C)
Humidity Range
10 – 93% RH
Wire Length
8˝ minimum
Contact Ratings
120 VAC: 0.5 A max. (resistive load)
30 VDC: 3 A max. (resistive load)




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RN1A23A50Solid State Relays 1- and 2 Pole SOLITRON With Integrated Heatsink 1 2 3 4 5 List of Unclassifed Manufacturers
DUA52C724Monitoring Relays DC Under Voltage 1 2 List of Unclassifed Manufacturers
8001-05-001DIP Reed Relays 1 2 Coto Technology
NVF4-7NHG RELAYS 1 2 DB Lectro Inc
V23081PCB relays Twin relays 1 2 3 4 Tyco Electronics
MSR238Modular Monitoring Safety Relays 1 2 Allen-Bradley
MSR33RTMonitoring Safety Relays 1 2 Allen-Bradley
700-SFSolid-State Relays 1 2 3 4 Allen-Bradley
MLM-110Visible LED Conventional Brightness-GaP GaAsP and AlGaAs 1 2 Micro Electronics
FCA-210Mid-Range Military/Aerospace Relays 1 2 3 4 List of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl